Electronic Components Datasheet Search
  English  ▼

X  

ADATE207 Datasheet(PDF) 35 Page - Analog Devices

Part # ADATE207
Description  Quad Pin Timing Formatter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE207 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADATE207 Datasheet HTML 28Page - Analog Devices ADATE207 Datasheet HTML 29Page - Analog Devices ADATE207 Datasheet HTML 30Page - Analog Devices ADATE207 Datasheet HTML 31Page - Analog Devices ADATE207 Datasheet HTML 32Page - Analog Devices ADATE207 Datasheet HTML 33Page - Analog Devices ADATE207 Datasheet HTML 34Page - Analog Devices ADATE207 Datasheet HTML 35Page - Analog Devices ADATE207 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
ADATE207
Rev. 0 | Page 35 of 36
OUTLINE DIMENSIONS
0.10 MIN
0.70
0.60
0.50
1.00
0.80
0.60
COPLANARITY
0.20
0.90
0.75
0.60
SEATING
PLANE
BALL DIAMETER
0.25 MIN
(4
×)
DETAIL A
1.70 MAX
1.27
BSC
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
1
3
5
7
9
11
13
15
19
2
4
6
8
10
12
14
16
18
20
24.13
BSC SQ
BOTTOM
VIEW
A1 CORNER
INDEX AREA
TOP VIEW
27.00
BSC SQ
BALL A1
INDICATOR
DETAIL A
17
COMPLIANT TO JEDEC STANDARDS MO-192-BAL-2
Figure 25. 256-Lead Ball Grid Array, Thermally Enhanced [BGA_ED]
(BP-256)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range1
Package Description
Package Option
ADATE207BBP
−25°C to +85°C
256-Lead Ball Grid Array, Thermally Enhanced [BGA_ED]
BP-256
ADATE207BBPZ2
−25°C to +85°C
256-Lead Ball Grid Array, Thermally Enhanced [BGA_ED]
BP-256
1 Guaranteed by design, not subject to production test.
2 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com