Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

Part # DSP56300FM/AD
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300FM/AD Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button DSP56300FM/AD Datasheet HTML 31Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
Serial Host Interface SPI Protocol Timing
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
35
13
Serial Host Interface SPI Protocol Timing
Table 21. Serial Host Interface SPI Protocol Timing
No.
Characteristics1,3,4
Mode
Filter Mode
Expression
Min
Max
Unit
23
Minimum serial clock cycle = tSPICC(min)
Master/Slave
Bypassed
10.0 x TC + 9
76.0
—
ns
Very Narrow
10.0 x TC + 9
76.0
—
ns
Narrow
10.0 x TC + 133
200.0
—
ns
Wide
10.0 x TC + 333
400.0
—
ns
XX
Tolerable Spike width on data or clock in.
—
Bypassed
—
—
0
ns
Very Narrow
—
—
10
ns
Narrow
—
—
50
ns
Wide
—
—
100
ns
24
Serial clock high period
Master
Bypassed
—
38.0
—
ns
Very Narrow
—
38.0
—
ns
Narrow
—
100.0
—
ns
Wide
—
200.0
—
ns
Slave
Bypassed
2.0 x TC + 19.6
33.0
—
ns
Very Narrow
2.0 x TC + 19.6
33.0
—
ns
Narrow
2.0 x TC + 86.6
100.0
—
ns
Wide
2.0 x TC + 186.6 200.0
—
ns
25
Serial clock low period
Master
Bypassed
—
38.0
—
ns
Very Narrow
—
38.0
—
ns
Narrow
—
100.0
—
ns
Wide
—
200.0
—
ns
Slave
Bypassed
2.0 x TC + 19.6
33.0
—
ns
Very Narrow
2.0 x TC + 19.6
33.0
—
ns
Narrow
2.0 x TC + 86.6
100.0
—
ns
Wide
2.0 x TC + 186.6 200.0
—
ns
26
Serial clock rise/fall time
Master
Slave
—
—
——
—
—
5
ns
ns
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com