Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # DSP56300FM/AD
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300FM/AD Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button DSP56300FM/AD Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
Enhanced Serial Audio Interface Timing
Freescale Semiconductor
44
Figure 11. I2C Timing
16
Enhanced Serial Audio Interface Timing
Table 24. Enhanced Serial Audio Interface Timing
No.
Characteristics1, 2, 3
Symbol
Expression3
Min
Max
Condition4
Unit
62
Clock cycle5
tSSICC
4
× Tc
4
× Tc
26.4
26.4
—
—
x ck
i ck
ns
63
Clock high period
• For internal clock
tSSICCH
2
× Tc − 0.5
12.8
—
ns
• For external clock
2
× Tc
13.4
—
64
Clock low period
• For internal clock
tSSICCL
2
× Tc
13.4
—
ns
• For external clock
2
× Tc
13.4
—
65
SCKR edge to FSR out (bl) high
—
—
—
—
17.0
7.0
x ck
i ck a
ns
66
SCKR edge to FSR out (bl) low
—
—
—
—
17.0
7.0
x ck
i ck a
ns
67
SCKR edge to FSR out (wr) high6
——
—
—
19.0
9.0
x ck
i ck a
ns
68
SCKR edge to FSR out (wr) low6
——
—
—
19.0
9.0
x ck
i ck a
ns
69
SCKR edge to FSR out (wl) high
—
—
—
—
16.0
6.0
x ck
i ck a
ns
Start
SCL
HREQ
SDA
ACK
MSB
LSB
Stop
44
Stop
46
49
48
50
51
53
52
45
58
55
56
61
47
60
57
59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com