Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # DSP56300FM/AD
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300FM/AD Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button DSP56300FM/AD Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 47Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 48Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
Enhanced Serial Audio Interface Timing
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
45
70
SCKR edge to FSR out (wl) low
—
—
—
—
17.0
7.0
x ck
i ck a
ns
71
Data in setup time before SCKR (SCK in
synchronous mode) edge
——
12.0
19.0
—
—
x ck
i ck
ns
72
Data in hold time after SCKR edge
—
—
3.5
9.0
—
—
x ck
i ck
ns
73
FSR input (bl, wr) high before SCKR edge 6
——
2.0
12.0
—
—
x ck
i ck a
ns
74
FSR input (wl) high before SCKR edge
—
—
2.0
12.0
—
—
x ck
i ck a
ns
75
FSR input hold time after SCKR edge
—
—
2.5
8.5
—
—
x ck
i ck a
ns
76
Flags input setup before SCKR edge
—
—
0.0
19.0
—
—
x ck
i ck s
ns
77
Flags input hold time after SCKR edge
—
—
6.0
0.0
—
—
x ck
i ck s
ns
78
SCKT edge to FST out (bl) high
—
—
—
—
18.0
8.0
x ck
i ck
ns
79
SCKT edge to FST out (bl) low
—
—
—
—
20.0
10.0
x ck
i ck
ns
80
SCKT edge to FST out (wr) high6
——
—
—
20.0
10.0
x ck
i ck
ns
81
SCKT edge to FST out (wr) low6
——
—
—
22.0
12.0
x ck
i ck
ns
82
SCKT edge to FST out (wl) high
—
—
—
—
19.0
9.0
x ck
i ck
ns
83
SCKT edge to FST out (wl) low
—
—
—
—
20.0
10.0
x ck
i ck
ns
84
SCKT edge to data out enable from high
impedance
——
—
—
22.0
17.0
x ck
i ck
ns
85
SCKT edge to transmitter #0 drive enable
assertion
——
—
—
17.0
11.0
x ck
i ck
ns
86
SCKT edge to data out valid
—
—
—
—
18.0
13.0
x ck
i ck
ns
87
SCKT edge to data out high impedance7
——
—
—
21.0
16.0
x ck
i ck
ns
Table 24. Enhanced Serial Audio Interface Timing (continued)
No.
Characteristics1, 2, 3
Symbol
Expression3
Min
Max
Condition4
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com