Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 55 Page - Freescale Semiconductor, Inc

Part # DSP56300FM/AD
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300FM/AD Datasheet(HTML) 55 Page - Freescale Semiconductor, Inc

Back Button DSP56300FM/AD Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 58Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 59Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
Watchdog Timer Timing
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
55
Figure A-2. 52-pin Vdd Connections
39
SDO3_PC8
38
SDO2_PC9
37
SDO1_PC10
36
SDO0_PC11
35
Core_Vdd
34
Core_Gnd
33
PINIT_NMI
32
XTAL
31
EXTAL
30
PLLD_Vdd
29
PLLD_Gnd
28
PLLP_Gnd
27
PLLP_Vdd
IO_Vdd
1
MODA_IRQA_PH0
2
MODB_IRQB_PH1
3
MODC_IRQC_PH2
4
MODD_IRQD_PH3
5
Core_Vdd
6
Core_Gnd
7
HREQ_PH4
8
SS_HA2
9
SCK_SCL
10
MISO_SDA
11
MOSI_HA0
12
IO_Gnd
13
1.25 V
3.3 V
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com