Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # DSP56300FM/AD
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300FM/AD Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button DSP56300FM/AD Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
Serial Host Interface SPI Protocol Timing
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
37
36
SCK edge following the first SCK
sampling edge to HREQ output
deassertion
Slave
Bypassed
3.0 x TC + 30
50
—
ns
Very Narrow
3.0 x TC + 40
60
—
ns
Narrow
3.0 x TC + 80
100
—
ns
Wide
3.0 x TC + 120
150
—
ns
37
Last SCK sampling edge to HREQ output
not deasserted (CPHA = 1)
Slave
Bypassed
4.0 x TC
57.0
—
ns
Very Narrow
4.0 x TC
67.0
—
ns
Narrow
4.0 x TC
107.0
—
ns
Wide
4.0 x TC
157.0
—
ns
38
SS deassertion to HREQ output not
deasserted (CPHA = 0)
Slave
—
3.0 x TC + 30
50.0
—
ns
39
SS deassertion pulse width (CPHA = 0)
Slave
—
2.0 x TC
13.4
—
ns
40
HREQ in assertion to first SCK edge
Master
Bypassed
0.5 x TSPICC +
3.0 x TC + 5
63
—
ns
Very Narrow
0.5 x TSPICC +
3.0 x TC + 5
63
—
ns
Narrow
0.5 x TSPICC +
3.0 x TC + 5
125
—
ns
Wide
0.5 x TSPICC +
3.0 x TC + 5
225
—
ns
41
HREQ in deassertion to last SCK
sampling edge (HREQ in set-up time)
(CPHA = 1)
Master
—
—
0
—
ns
42
First SCK edge to HREQ in not asserted
(HREQ in hold time)
Master
—
—
0
—
ns
43
HREQ assertion width
Master
—
3.0 x TC
20
—
ns
Note:
1 V
CORE_VDD = 1.2 5 ± 0.05 V; TJ = -40°C to 110°C (52 LQFP) / -40°C to 105°C (80 LQFP), CL = 50 pF
2 Periodically sampled, not 100% tested
3 All times assume noise free inputs.
4 All times assume internal clock frequency of 150 MHz.
5 Equation applies when the result is positive T
C.
Table 21. Serial Host Interface SPI Protocol Timing (continued)
No.
Characteristics1,3,4
Mode
Filter Mode
Expression
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com