Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # DSP56300FM/AD
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300FM/AD Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button DSP56300FM/AD Datasheet HTML 50Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 51Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 52Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 53Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 54Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 55Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 56Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 57Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
Watchdog Timer Timing
Freescale Semiconductor
54
Appendix A
Package Information
A.1
DSP56374 Pinout
Figure A-1. 80-Pin Vdd Connections
60
SDO5_1_PE6
59
SDO4_1_PE7
58
SDO3_PC8
57
SDO2_PC9
56
SDO1_PC10
55
SDO0_PC11
54
SDO3_1_PE8
53
SDO2_1_PE9
52
Core_Vdd
51
Core_Gnd
50
SDO1_1_PE10
49
SDO0_1_PE11
48
PINIT_NMI
47
IO_Vdd
46
XTAL
45
EXTAL
44
PLLD_Vdd
43
PLLD_Gnd
42
PLLP_Gnd
41
PLLP_Vdd
IO_Vdd
1
MODA_IRQA_PH0
2
MODB_IRQB_PH1
3
GPIO_PG13
4
GPIO_PG12
5
MODC_IRQC_PH2
6
MODD_IRQD_PH3
7
GPIO_PG11
8
Core_Vdd
9
Core_Gnd
10
GPIO_PG10
11
GPIO_PG9
12
HREQ_PH4
13
SS_HA2
14
SCK_SCL
15
MISO_SDA
16
MOSI_HA0
17
GPIO_PG8
18
GPIO_PG7
19
IO_Gnd
20
1.25 V
3.3 V
Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com