Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # DSP56300FM/AD
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300FM/AD Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button DSP56300FM/AD Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 40Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 41Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 42Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 43Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 44Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 45Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 46Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
Programming the Serial Clock
DSP56374 Data Sheet, Rev. 4.2
Freescale Semiconductor
43
15
Programming the Serial Clock
The programmed serial clock cycle, TI2CCP, is specified by the value of the HDM[7:0] and HRS bits of the
HCKR (SHI clock control register).
The expression for TI2CCP is
TI2CCP = [TC × 2 × (HDM[7:0] + 1) × (7 × (1 – HRS) + 1)]
Eqn. 1
where
— HRS is the prescaler rate select bit. When HRS is cleared, the fixed
divide-by-eight prescaler is operational. When HRS is set, the prescaler is bypassed.
— HDM[7:0] are the divider modulus select bits. A divide ratio from 1 to 256 (HDM[7:0] = $00
to $FF) may be selected.
In I2C mode, the user may select a value for the programmed serial clock cycle from
6
× TC (if HDM[7:0] = $02 and HRS = 1)
Eqn. 2
to
4096
× TC (if HDM[7:0] = $FF and HRS = 0)
Eqn. 3
The programmed serial clock cycle (TI2CCP) should be chosen in order to achieve the desired SCL serial
clock cycle (TSCL), as shown in Table 23.
Note:
1 V
CORE_VDD = 1.2 5 ± 0.05 V; TJ = -40°C to 110°C (52 LQFP) / -40°C to 105°C (80 LQFP), CL = 50 pF
2 Pull-up resistor: R P (min) = 1.5 kOhm
3 Capacitive load: C b (max) = 50 pF
4 All times assume noise free inputs
5 All times assume internal clock frequency of 150MHz
Table 23. SCL Serial Clock Cycle (TSCL) Generated as Master
Nominal
TI2CCP + 3 × TC + 45ns + TR
Table 22. SHI I2C Protocol Timing (continued)
Standard I2C
No.
Characteristics1,2,3,4,5
Symbol/
Expression
Standard
Fast-Mode
Unit
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com