Electronic Components Datasheet Search
  English  ▼

X  

DSP56300FM/AD Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # DSP56300FM/AD
Description  a high-density CMOS device
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56300FM/AD Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button DSP56300FM/AD Datasheet HTML 32Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 33Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 34Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 35Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 36Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 37Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 38Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 39Page - Freescale Semiconductor, Inc DSP56300FM/AD Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
DSP56374 Data Sheet, Rev. 4.2
Serial Host Interface SPI Protocol Timing
Freescale Semiconductor
36
27
SS assertion to first SCK edge
CPHA = 0
Slave
Bypassed
2.0 x TC + 12.6
26
—
ns
Very Narrow
2.0 x TC + 2.6
16
—
ns
Narrow
2.0 x TC − 37.4
5
0—
ns
Wide
2.0 x TC − 87.4
5
0—
ns
CPHA = 1
Slave
Bypassed
—
10
—
ns
Very Narrow
—
0
—
ns
Narrow
—
0
—
ns
Wide
—
0
—
ns
28
Last SCK edge to SS not asserted
Slave
Bypassed
—
12
—
ns
Very Narrow
—
22
—
ns
Narrow
—
100
—
ns
Wide
—
200
—
ns
29
Data input valid to SCK edge (data input
set-up time)
Master
/Slave
Bypassed
—
0
—
ns
Very Narrow
—
0
—
ns
Narrow
—
0
—
ns
Wide
—
0
—
ns
30
SCK last sampling edge to data input not
valid
Master
/Slave
Bypassed
3.0 x TC
20
—
ns
Very Narrow
3.0 x TC + 23.2
43.2
—
ns
Narrow
3.0 x TC + 53.2
73.2
—
ns
Wide
3.0 x TC + 80
100.0
—
ns
31
SS assertion to data out active
Slave
—
—
5
—
ns
32
SS deassertion to data high impedance2
Slave
—
—
—
9
ns
33
SCK edge to data out valid
(data out delay time)
Master
/Slave
Bypassed
3.0 x TC + 26.1
—
46.2
ns
Very Narrow
3.0 x TC + 90.4
—
110.4
ns
Narrow
3.0 x TC + 116.4
—
136.4
ns
Wide
3.0 x TC + 203.4
—
223.4
ns
34
SCK edge to data out not valid
(data out hold time)
Master
/Slave
Bypassed
2.0 x TC
13.4
—
ns
Very Narrow
2.0 x TC + 1.6
15
—
ns
Narrow
2.0 x TC + 41.6
55
—
ns
Wide
2.0 x TC + 91.6
105
—
ns
35
SS assertion to data out valid
(CPHA = 0)
Slave
—
—
—
12.0
ns
Table 21. Serial Host Interface SPI Protocol Timing (continued)
No.
Characteristics1,3,4
Mode
Filter Mode
Expression
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com