Electronic Components Datasheet Search
  English  ▼

X  

VP232 Datasheet(PDF) 4 Page - Texas Instruments

Part # VP232
Description  3.3-V CAN TRANSCEIVERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VP232 Datasheet(HTML) 4 Page - Texas Instruments

  VP232 Datasheet HTML 1Page - Texas Instruments VP232 Datasheet HTML 2Page - Texas Instruments VP232 Datasheet HTML 3Page - Texas Instruments VP232 Datasheet HTML 4Page - Texas Instruments VP232 Datasheet HTML 5Page - Texas Instruments VP232 Datasheet HTML 6Page - Texas Instruments VP232 Datasheet HTML 7Page - Texas Instruments VP232 Datasheet HTML 8Page - Texas Instruments VP232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
www.ti.com
EQUIVALENT INPUT AND OUTPUT SCHEMATIC DIAGRAMS
VCC
D Input
1 k
Ω
9 V
Input
100 k
Ω
VCC
Output
16 V
CANH and CANL Outputs
20 V
VCC
5
Ω
9 V
Output
R Output
VCC
Input
16 V
CANH and CANL Inputs
20 V
110 k
Ω
45 k
Ω
9 k
Ω
9 k
Ω
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
TERMINAL FUNCTIONS (continued)
TERMINAL
DESCRIPTION
NAME
NO.
RS
8
Standby/slope control
VCC
3
Supply voltage
Vref
5
Reference output
SN65HVD232
CANL
6
Low bus output
CANH
7
High bus output
D
1
Driver input
GND
2
Ground
NC
5, 8
No connection
R
4
Receiver output
VCC
3
Supply voltage
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com