Electronic Components Datasheet Search
  English  ▼

X  

VP232 Datasheet(PDF) 6 Page - Texas Instruments

Part # VP232
Description  3.3-V CAN TRANSCEIVERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VP232 Datasheet(HTML) 6 Page - Texas Instruments

Back Button VP232 Datasheet HTML 2Page - Texas Instruments VP232 Datasheet HTML 3Page - Texas Instruments VP232 Datasheet HTML 4Page - Texas Instruments VP232 Datasheet HTML 5Page - Texas Instruments VP232 Datasheet HTML 6Page - Texas Instruments VP232 Datasheet HTML 7Page - Texas Instruments VP232 Datasheet HTML 8Page - Texas Instruments VP232 Datasheet HTML 9Page - Texas Instruments VP232 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
www.ti.com
DRIVER ELECTRICAL CHARACTERISTICS
DRIVER SWITCHING CHARACTERISTICS
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
CANH
2.45
VCC
VI = 0 V,
VOH
Dominant
See Figure 1 and Figure 3
CANL
0.5
1.25
Bus output
V
voltage
CANH
2.3
VI = 3 V,
VOL
Recessive
See Figure 1 and Figure 3
CANL
2.3
VI = 0 V,
See Figure 1
1.5
2
3
VOD(D)
Dominant
V
VI = 0 V,
See Figure 2
1.2
2
3
Differential
output voltage
VI = 3 V,
See Figure 1
-120
0
12
mV
VOD(R)
Recessive
VI = 3 V,
No load
-0.5
-0.2
0.05
V
IIH
High-level input current
VI = 2 V
-30
µA
IIL
Low-level input current
VI = 0.8 V
-30
µA
VCANH = -2 V
-250
250
IOS
Short-circuit output current
mA
VCANL = 7 V
-250
250
Co
Output capacitance
See receiver
Standby
SN65HVD230
V(Rs) = VCC
370
600
µA
Sleep
SN65HVD231
V(Rs) = VCC, D at VCC
0.04
1
Supply
ICC
current
Dominant
VI = 0 V,
No load
Dominant
10
17
All devices
mA
Recessive
VI = VCC,
No load
Recessive
10
17
(1)
All typical values are at 25
°C and with a 3.3-V supply.
over recommended operating conditions (unless otherwise noted)
TEST
PARAMETER
MIN
TYP
MAX
UNIT
CONDITIONS
SN65HVD230 AND SN65HVD231
V(Rs) = 0 V
35
85
Propagation delay time, low-to-high-level
tPLH
RS with 10 kΩ to ground
70
125
ns
output
RS with 100 kΩ to ground
500
870
V(Rs) = 0 V
70
120
Propagation delay time, high-to-low-level
tPHL
RS with 10 kΩ to ground
130
180
ns
output
RS with 100 kΩ to ground
870
1200
V(Rs) = 0 V
35
CL = 50 pF,
tsk(p)
Pulse skew (|tPHL - tPLH|)
RS with 10 kΩ to ground
60
ns
See Figure 4
RS with 100 kΩ to ground
370
tr
Differential output signal rise time
25
50
100
ns
V(Rs) = 0 V
tf
Differential output signal fall time
40
55
80
ns
tr
Differential output signal rise time
80
120
160
ns
RS with 10 kΩ to ground
tf
Differential output signal fall time
80
125
150
ns
tr
Differential output signal rise time
600
800
1200
ns
RS with 100 kΩ to ground
tf
Differential output signal fall time
600
825
1000
ns
SN65HVD232
tPLH
Propagation delay time, low-to-high-level output
35
85
tPHL
Propagation delay time, high-to-low-level output
70
120
CL = 50 pF,
tsk(p)
Pulse skew (|tPHL - tPLH|)
35
ns
See Figure 4
tr
Differential output signal rise time
25
50
100
tf
Differential output signal fall time
40
55
80
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com