Electronic Components Datasheet Search
  English  ▼

X  

VP232 Datasheet(PDF) 19 Page - Texas Instruments

Part # VP232
Description  3.3-V CAN TRANSCEIVERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VP232 Datasheet(HTML) 19 Page - Texas Instruments

Back Button VP232 Datasheet HTML 15Page - Texas Instruments VP232 Datasheet HTML 16Page - Texas Instruments VP232 Datasheet HTML 17Page - Texas Instruments VP232 Datasheet HTML 18Page - Texas Instruments VP232 Datasheet HTML 19Page - Texas Instruments VP232 Datasheet HTML 20Page - Texas Instruments VP232 Datasheet HTML 21Page - Texas Instruments VP232 Datasheet HTML 22Page - Texas Instruments VP232 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
www.ti.com
TMS320Lx2403/6/7
CAN Bus Line
CAN-Controller
CANTX/IOPC6
SN65HVD230
Electronic Control Unit (ECU)
CANH
CANL
D
R
CANRX/IOPC7
CANH
CANL
CAN Bus Line
ECU
ECU
ECU
1
2
n
120
Ω
120
Ω
FEATURES of the SN65HVD230, SN65HVD231, and SN65HVD232
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
APPLICATION INFORMATION (continued)
Figure 32. Details of a Typical CAN Node
Figure 33. Typical CAN Network
The SN65HVD230/231/232 3.3-V CAN transceivers provide the interface between the 3.3-V TMS320Lx2403/6/7
CAN DSPs and the differential bus line, and are designed to transmit data at signaling rates up to 1 Mbps as
defined by the ISO 11898 standard.
The SN65HVD230/231/232 are pin-compatible (but not functionally identical) with one another and, depending
upon the application, may be used with identical circuit boards.
These transceivers feature 3.3-V operation and standard compatibility with signaling rates up to 1 Mbps, and
also offer 16-kV HBM ESD protection on the bus pins, thermal shutdown protection, bus fault protection, and
open-circuit receiver failsafe. The fail-safe design of the receiver assures a logic high at the receiver output if the
bus wires become open circuited. If a high ambient operating environment temperature or excessive output
current result in thermal shutdown, the bus pins become high impedance, while the D and R pins default to a
logic high.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com