Electronic Components Datasheet Search
  English  ▼

X  

VP232 Datasheet(PDF) 11 Page - Texas Instruments

Part # VP232
Description  3.3-V CAN TRANSCEIVERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VP232 Datasheet(HTML) 11 Page - Texas Instruments

Back Button VP232 Datasheet HTML 7Page - Texas Instruments VP232 Datasheet HTML 8Page - Texas Instruments VP232 Datasheet HTML 9Page - Texas Instruments VP232 Datasheet HTML 10Page - Texas Instruments VP232 Datasheet HTML 11Page - Texas Instruments VP232 Datasheet HTML 12Page - Texas Instruments VP232 Datasheet HTML 13Page - Texas Instruments VP232 Datasheet HTML 14Page - Texas Instruments VP232 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
www.ti.com
10 k
Ω
0 V
CL = 15 pF
R Output
1.3 V
t(WAKE)
V(Rs)
1.5 V
50
Ω
Signal
Generator
Generator
PRR = 150 kHz
50% Duty Cycle
tr, tf < 6 ns
Zo = 50 Ω
V(Rs)
D
RS
R
Output
VCC
0 V
VCC
60
Ω
+
–
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
PARAMETER MEASUREMENT INFORMATION (continued)
Table 1. Receiver Characteristics Over Common Mode With V(Rs) = 1.2 V
VIC
VID
VCANH
VCANL
R OUTPUT
-2 V
900 mV
-1.55 V
-2.45 V
L
7 V
900 mV
8.45 V
6.55 V
L
VOL
1 V
6 V
4 V
-2 V
L
4 V
6 V
7 V
1 V
L
-2 V
500 mV
-1.75 V
-2.25 V
H
7 V
500 mV
7.25 V
6.75 V
H
1 V
-6 V
-2 V
4 V
H
VOH
4 V
-6 V
1 V
7 V
H
X
X
Open
Open
H
Figure 8. t(WAKE) Test Circuit and Voltage Waveforms
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com