Electronic Components Datasheet Search
  English  ▼

X  

VP232 Datasheet(PDF) 20 Page - Texas Instruments

Part # VP232
Description  3.3-V CAN TRANSCEIVERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VP232 Datasheet(HTML) 20 Page - Texas Instruments

Back Button VP232 Datasheet HTML 16Page - Texas Instruments VP232 Datasheet HTML 17Page - Texas Instruments VP232 Datasheet HTML 18Page - Texas Instruments VP232 Datasheet HTML 19Page - Texas Instruments VP232 Datasheet HTML 20Page - Texas Instruments VP232 Datasheet HTML 21Page - Texas Instruments VP232 Datasheet HTML 22Page - Texas Instruments VP232 Datasheet HTML 23Page - Texas Instruments VP232 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
www.ti.com
OPERATING MODES
High-Speed
TMS320LF2406
or
TMS320LF2407
IOPF6
1
2
3
4
8
7
6
5
D
GND
VCC
R
CANH
CANL
Vref
RS
1
1 Mbps
Driver Output
NRZ Data
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
APPLICATION INFORMATION (continued)
The bus pins are also maintained in a high-impedance state during low VCC conditions to ensure glitch-free
power-up and power-down bus protection for hot-plugging applications. This high-impedance condition also
means that an unpowered node does not disturb the bus. Transceivers without this feature usually have a very
low output impedance. This results in a high current demand when the transceiver is unpowered, a condition
that could affect the entire bus.
RS (pin 8) of the SN65HVD230 and SN65HVD231 provides for three different modes of operation: high-speed
mode, slope-control mode, and low-power mode.
The high-speed mode can be selected by applying a logic low to RS (pin 8). The high-speed mode of operation
is commonly employed in industrial applications. High-speed allows the output to switch as fast as possible with
no internal limitation on the output rise and fall slopes. The only limitations of the high-speed operation are cable
length and radiated emission concerns, each of which is addressed by the slope control mode of operation.
If the low-power standby mode is to be employed in the circuit, direct connection to a DSP output pin can be
used to switch between a logic-low level (< 1 V) for high speed operation, and the logic-high level (> 0.75 VCC)
for standby. Figure 34 shows a typical DSP connection, and Figure 35 shows the HVD230 driver output signal in
high-speed mode on the CAN bus.
Figure 34. RS (Pin 8) Connection to a TMS320LF2406/07 for High Speed/Standby Operation
Figure 35. Typical High Speed SN65HVD230 Output Waveform Into a 60-
Ω Load
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com