Electronic Components Datasheet Search
  English  ▼

X  

VP232 Datasheet(PDF) 18 Page - Texas Instruments

Part # VP232
Description  3.3-V CAN TRANSCEIVERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VP232 Datasheet(HTML) 18 Page - Texas Instruments

Back Button VP232 Datasheet HTML 14Page - Texas Instruments VP232 Datasheet HTML 15Page - Texas Instruments VP232 Datasheet HTML 16Page - Texas Instruments VP232 Datasheet HTML 17Page - Texas Instruments VP232 Datasheet HTML 18Page - Texas Instruments VP232 Datasheet HTML 19Page - Texas Instruments VP232 Datasheet HTML 20Page - Texas Instruments VP232 Datasheet HTML 21Page - Texas Instruments VP232 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
www.ti.com
APPLICATION INFORMATION
INTRODUCTION
TMS320Lx2403/6/7
3.3-V
DSP
Implementation
ISO 11898 Specification
Application Specific Layer
Data-Link
Layer
Logic Link Control
Medium Access Control
Physical
Layer
Physical Signaling
Physical Medium Attachment
Medium Dependent Interface
Embedded
CAN
Controller
SN65HVD230
CAN Bus-Line
APPLICATION OF THE SN65HVD230
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
This application provides information concerning the implementation of the physical medium attachment layer in
a CAN network according to the ISO 11898 standard. It presents a typical application circuit and test results, as
well as discussions on slope control, total loop delay, and interoperability in 5-V systems.
ISO 11898 is the international standard for high-speed serial communication using the controller area network
(CAN) bus protocol. It supports multimaster operation, real-time control, programmable data rates up to 1 Mbps,
and powerful redundant error checking procedures that provide reliable data transmission. It is suited for
networking intelligent devices as well as sensors and actuators within the rugged electrical environment of a
machine chassis or factory floor. The SN65HVD230 family of 3.3-V CAN transceivers implement the lowest
layers of the ISO/OSI reference model. This is the interface with the physical signaling output of the CAN
controller of the Texas Instruments TMS320Lx240x 3.3-V DSPs, as illustrated in Figure 31.
Figure 31. The Layered ISO 11898 Standard Architecture
The SN65HVD230 family of CAN transceivers are compatible with the ISO 11898 standard; this ensures
interoperability with other standard-compliant products.
Figure 32 illustrates a typical application of the SN65HVD230 family. The output of a DSP's CAN controller is
connected to the serial driver input, pin D, and receiver serial output, pin R, of the transceiver. The transceiver is
then attached to the differential bus lines at pins CANH and CANL. Typically, the bus is a twisted pair of wires
with a characteristic impedance of 120
Ω, in the standard half-duplex multipoint topology of Figure 33. Each end
of the bus is terminated with 120-
Ω resistors in compliance with the standard to minimize signal reflections on
the bus.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com