Electronic Components Datasheet Search
  English  ▼

X  

VP232 Datasheet(PDF) 16 Page - Texas Instruments

Part # VP232
Description  3.3-V CAN TRANSCEIVERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VP232 Datasheet(HTML) 16 Page - Texas Instruments

Back Button VP232 Datasheet HTML 12Page - Texas Instruments VP232 Datasheet HTML 13Page - Texas Instruments VP232 Datasheet HTML 14Page - Texas Instruments VP232 Datasheet HTML 15Page - Texas Instruments VP232 Datasheet HTML 16Page - Texas Instruments VP232 Datasheet HTML 17Page - Texas Instruments VP232 Datasheet HTML 18Page - Texas Instruments VP232 Datasheet HTML 19Page - Texas Instruments VP232 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
www.ti.com
0
10
20
30
40
50
1
1.5
2
2.5
3
3.5
4
VCC − Supply Voltage − V
0
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
1.20
1.30
1.40
0
50
100
150
200
1.50
VCC = 3.3 V
VCC = 3 V
VCC = 3.6 V
Rs − Source Resistance − kΩ
0
100
200
300
400
500
600
−2
1
4
7
Rs = 0 W
Rs = 10 kW
VIC − Common-Mode Input Voltage − V
See Figure 30
0
0.5
1
1.5
2
2.5
3
−50
−5
5
50
VCC = 3 V
VCC = 3.6 V
Iref − Reference Current − µA
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
TYPICAL CHARACTERISTICS (continued)
DRIVER OUTPUT CURRENT
DIFFERENTIAL DRIVER OUTPUT FALL TIME
vs
vs
SUPPLY VOLTAGE
SOURCE RESISTANCE (Rs)
Figure 24.
Figure 25.
HVD230, HVD231 LOW-TO-HIGH PROPAGATION DELAY
REFERENCE VOLTAGE
TIME
vs
vs
REFERENCE CURRENT
COMMON-MODE INPUT VOLTAGE
Figure 26.
Figure 27.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com