Electronic Components Datasheet Search
  English  ▼

X  

VP232 Datasheet(PDF) 7 Page - Texas Instruments

Part # VP232
Description  3.3-V CAN TRANSCEIVERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VP232 Datasheet(HTML) 7 Page - Texas Instruments

Back Button VP232 Datasheet HTML 3Page - Texas Instruments VP232 Datasheet HTML 4Page - Texas Instruments VP232 Datasheet HTML 5Page - Texas Instruments VP232 Datasheet HTML 6Page - Texas Instruments VP232 Datasheet HTML 7Page - Texas Instruments VP232 Datasheet HTML 8Page - Texas Instruments VP232 Datasheet HTML 9Page - Texas Instruments VP232 Datasheet HTML 10Page - Texas Instruments VP232 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
www.ti.com
RECEIVER ELECTRICAL CHARACTERISTICS
RECEIVER SWITCHING CHARACTERISTICS
DEVICE SWITCHING CHARACTERISTICS
DEVICE CONTROL-PIN CHARACTERISTICS
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
VIT+
Positive-going input threshold voltage
750
900
mV
See Table 1
VIT-
Negative-going input threshold voltage
500
650
mV
Vhys
Hysteresis voltage (VIT+ - VIT-)
100
VOH
High-level output voltage
-6 V
≤ V
ID ≤ 500 mV, IO = -8 mA, See Figure 5
2.4
V
VOL
Low-level output voltage
900 mV
≤ V
ID ≤ 6 V, IO = 8 mA, See Figure 5
0.4
VIH = 7 V
100
250
µA
VIH = 7 V,
VCC = 0 V
100
350
Other input at 0 V,
II
Bus input current
D = 3 V
VIH = -2 V
-200
-30
µA
VIH = -2 V,
VCC = 0 V
-100
-20
Pin-to-ground,
Ci
CANH, CANL input capacitance
V(D) = 3 V,
32
pF
VI = 0.4 sin(4E6πt) + 0.5 V
Pin-to-pin,
Cdiff
Differential input capacitance
V(D) = 3 V,
16
pF
VI = 0.4 sin(4E6πt) + 0.5 V
Rdiff
Differential input resistance
Pin-to-pin,
V(D) = 3 V
40
70
100
k
Ω
RI
CANH, CANL input resistance
20
35
50
k
Ω
ICC
Supply current
See driver
(1)
All typical values are at 25
°C and with a 3.3-V supply.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
35
50
ns
tPHL
Propagation delay time, high-to-low-level output
See Figure 6
35
50
ns
tsk(p)
Pulse skew (|tPHL - tPLH|)
10
ns
tr
Output signal rise time
1.5
ns
See Figure 6
tf
Output signal fall time
1.5
ns
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(Rs) = 0 V,
See Figure 9
70
115
Total loop delay, driver input to receiver
t(LOOP1)
RS with 10 kΩ to ground,
See Figure 9
105
175
ns
output, recessive to dominant
RS with 100 kΩ to ground,
See Figure 9
535
920
V(Rs) = 0 V,
See Figure 9
100
135
Total loop delay, driver input to receiver
t(LOOP2)
RS with 10 kΩ to ground,
See Figure 9
155
185
ns
output, dominant to recessive
RS with 100 kΩ to ground,
See Figure 9
830
990
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
SN65HVD230 wake-up time from standby mode
0.55
1.5
µs
with RS
t(WAKE)
See Figure 8
SN65HVD231 wake-up time from sleep mode with
3
5
µs
RS
(1)
All typical values are at 25
°C and with a 3.3-V supply.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com