Electronic Components Datasheet Search
  English  ▼

X  

VP232 Datasheet(PDF) 13 Page - Texas Instruments

Part # VP232
Description  3.3-V CAN TRANSCEIVERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VP232 Datasheet(HTML) 13 Page - Texas Instruments

Back Button VP232 Datasheet HTML 9Page - Texas Instruments VP232 Datasheet HTML 10Page - Texas Instruments VP232 Datasheet HTML 11Page - Texas Instruments VP232 Datasheet HTML 12Page - Texas Instruments VP232 Datasheet HTML 13Page - Texas Instruments VP232 Datasheet HTML 14Page - Texas Instruments VP232 Datasheet HTML 15Page - Texas Instruments VP232 Datasheet HTML 16Page - Texas Instruments VP232 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
www.ti.com
0
1
2
3
4
VO(CANL)− Low-Level Output Voltage − V
0
20
40
60
80
100
120
140
160
−400
−300
−200
−100
0
100
200
300
400
−7 −6 −4 −3 −1 0
1
3
4
6
7
8 10 11 12
VCC = 0 V
VCC = 3.6 V
VI − Bus Input Voltage − V
0
0.5
1
1.5
2
2.5
3
−55
−40
0
25
70
85
125
VCC = 3.6 V
VCC = 3.3 V
VCC = 3 V
TA − Free-Air Temperature − °C
0
20
40
60
80
100
120
0
0.5
1
1.5
2
2.5
3
3.5
VO(CANH) − High-Level Output Voltage − V
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
TYPICAL CHARACTERISTICS (continued)
BUS INPUT CURRENT
DRIVER LOW-LEVEL OUTPUT CURRENT
vs
vs
BUS INPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
Figure 12.
Figure 13.
DRIVER HIGH-LEVEL OUTPUT CURRENT
DOMINANT VOLTAGE (VOD)
vs
vs
HIGH-LEVEL OUTPUT VOLTAGE
FREE-AIR TEMPERATURE
Figure 14.
Figure 15.
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com