Electronic Components Datasheet Search
  English  ▼

X  

VP232 Datasheet(PDF) 12 Page - Texas Instruments

Part # VP232
Description  3.3-V CAN TRANSCEIVERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VP232 Datasheet(HTML) 12 Page - Texas Instruments

Back Button VP232 Datasheet HTML 8Page - Texas Instruments VP232 Datasheet HTML 9Page - Texas Instruments VP232 Datasheet HTML 10Page - Texas Instruments VP232 Datasheet HTML 11Page - Texas Instruments VP232 Datasheet HTML 12Page - Texas Instruments VP232 Datasheet HTML 13Page - Texas Instruments VP232 Datasheet HTML 14Page - Texas Instruments VP232 Datasheet HTML 15Page - Texas Instruments VP232 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
www.ti.com
50%
50%
50%
50%
D
VI
RS
R
DUT
CANH
CANL
60
Ω ±1%
15 pF
±20%
+
VO
0
Ω, 10 kΩ or
100 k
Ω ±5%
t(LOOP2)
VI
VO
VCC
0 V
VOH
VOL
t(LOOP1)
TYPICAL CHARACTERISTICS
−16
−14
−12
−10
−8
−6
−4
−2
0
0
0.6
1.1
1.6
2.1
2.6
3.1
3.6
VI − Input Voltage − V
18
16
14
13
0
250
500
19
21
f − Frequency − kbps
22
750
1000
20
17
15
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
A.
All VI input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 6 ns, Pulse Repetition
Rate (PRR) = 125 kHz, 50% duty cycle.
Figure 9. t(LOOP) Test Circuit and Voltage Waveforms
SUPPLY CURRENT (RMS)
LOGIC INPUT CURRENT (PIN D)
vs
vs
FREQUENCY
INPUT VOLTAGE
Figure 10.
Figure 11.
12
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com