Electronic Components Datasheet Search
  English  ▼

X  

VP232 Datasheet(PDF) 21 Page - Texas Instruments

Part # VP232
Description  3.3-V CAN TRANSCEIVERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VP232 Datasheet(HTML) 21 Page - Texas Instruments

Back Button VP232 Datasheet HTML 17Page - Texas Instruments VP232 Datasheet HTML 18Page - Texas Instruments VP232 Datasheet HTML 19Page - Texas Instruments VP232 Datasheet HTML 20Page - Texas Instruments VP232 Datasheet HTML 21Page - Texas Instruments VP232 Datasheet HTML 22Page - Texas Instruments VP232 Datasheet HTML 23Page - Texas Instruments VP232 Datasheet HTML 24Page - Texas Instruments VP232 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
www.ti.com
Slope Control
TMS320LF2406
or
TMS320LF2407
IOPF6
1
2
3
4
8
7
6
5
D
GND
VCC
R
CANH
CANL
Vref
10 k
Ω
to
100 k
Ω
RS
Slope Control Resistance – k
Ω
0
5
10
15
20
25
0
10
20
30
40
50
60
70
80
90
DRIVER OUTPUT SIGNAL SLOPE
vs
SLOPE CONTROL RESISTANCE
4.7
0
6.8
10
15
22
33
47
68
100
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
APPLICATION INFORMATION (continued)
Electromagnetic compatibility is essential in many applications using unshielded bus cable to reduce system
cost. To reduce the electromagnetic interference generated by fast rise times and resulting harmonics, the rise
and fall slopes of the SN65HVD230 and SN65HVD231 driver outputs can be adjusted by connecting a resistor
from RS (pin 8) to ground or to a logic low voltage, as shown in Figure 36. The slope of the driver output signal is
proportional to the pin's output current. This slope control is implemented with an external resistor value of 10
k
Ω to achieve a ≈ 15 V/µs slew rate, and up to 100 kΩ to achieve a ≈ 2.0 V/µs slew rate as displayed in
Figure 37. Typical driver output waveforms from a pulse input signal with and without slope control are displayed
in Figure 38. A pulse input is used rather than NRZ data to clearly display the actual slew rate.
Figure 36. Slope Control/Standby Connection to a DSP
Figure 37. HVD230 Driver Output Signal Slope vs Slope Control Resistance Value
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com