Electronic Components Datasheet Search
  English  ▼

X  

VP232 Datasheet(PDF) 5 Page - Texas Instruments

Part # VP232
Description  3.3-V CAN TRANSCEIVERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VP232 Datasheet(HTML) 5 Page - Texas Instruments

  VP232 Datasheet HTML 1Page - Texas Instruments VP232 Datasheet HTML 2Page - Texas Instruments VP232 Datasheet HTML 3Page - Texas Instruments VP232 Datasheet HTML 4Page - Texas Instruments VP232 Datasheet HTML 5Page - Texas Instruments VP232 Datasheet HTML 6Page - Texas Instruments VP232 Datasheet HTML 7Page - Texas Instruments VP232 Datasheet HTML 8Page - Texas Instruments VP232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
over operating free-air temperature range (unless otherwise noted)(1)(2)
UNIT
Supply voltage range, VCC
-0.3 V to 6 V
Voltage range at any bus terminal (CANH or CANL)
-4 V to 16 V
Voltage input range, transient pulse, CANH and CANL, through 100
Ω (see Figure 7)
-25 V to 25 V
Input voltage range, VI (D or R)
-0.5 V to VCC + 0.5 V
Receiver output current, IO
±11 mA
CANH, CANL and GND
16 kV
Human body model(3)
Electrostatic discharge
All Pins
4 kV
Charged-device model(4)
All pins
1 kV
Continuous total power dissipation
See Dissipation Rating Table
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods amy affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101.
DISSIPATION RATING TABLE
TA ≤ 25°C
DERATING FACTOR(1)
TA = 70°C
TA = 85°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
377 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
MIN NOM MAX UNIT
Supply voltage, VCC
3
3.6
V
Voltage at any bus terminal (common mode) VIC
-2(1)
7
V
Voltage at any bus terminal (separately) VI
-2.5
7.5
V
High-level input voltage, VIH
D, R
2
V
Low-level input voltage, VIL
D, R
0.8
V
Differential input voltage, VID (see Figure 5)
-6
6
V
Input voltage, V(Rs)
0
VCC
V
Input voltage for standby or sleep, V(Rs)
0.75 VCC
VCC
V
Wave-shaping resistance, Rs
0
100
k
Ω
Driver
-40
High-level output current, IOH
mA
Receiver
-8
Driver
48
Low-level output current, IOL
mA
Receiver
8
Operating free-air temperature, TA
-40
85
°C
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com