Electronic Components Datasheet Search
  English  ▼

X  

VP232 Datasheet(PDF) 10 Page - Texas Instruments

Part # VP232
Description  3.3-V CAN TRANSCEIVERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VP232 Datasheet(HTML) 10 Page - Texas Instruments

Back Button VP232 Datasheet HTML 6Page - Texas Instruments VP232 Datasheet HTML 7Page - Texas Instruments VP232 Datasheet HTML 8Page - Texas Instruments VP232 Datasheet HTML 9Page - Texas Instruments VP232 Datasheet HTML 10Page - Texas Instruments VP232 Datasheet HTML 11Page - Texas Instruments VP232 Datasheet HTML 12Page - Texas Instruments VP232 Datasheet HTML 13Page - Texas Instruments VP232 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
www.ti.com
50
Ω
Signal
Generator
(see Note A)
CL = 15 pF
(see Note B)
1.5 V
90%
Output
1.3 V
10%
tf
VOL
VOH
tr
Input
1.5 V
2.9 V
tPHL
2.2 V
tPLH
Output
100
Ω
Pulse Generator,
15
µs Duration,
1% Duty Cycle
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
PARAMETER MEASUREMENT INFORMATION (continued)
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 500 kHz, 50% duty cycle, t
r ≤ 6
ns, tf ≤ 6 ns, Zo = 50 Ω.
B.
CL includes probe and jig capacitance.
Figure 6. Receiver Test Circuit and Voltage Waveforms
Figure 7. Overvoltage Protection
10
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com