Electronic Components Datasheet Search
  English  ▼

X  

VP232 Datasheet(PDF) 1 Page - Texas Instruments

Part # VP232
Description  3.3-V CAN TRANSCEIVERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

VP232 Datasheet(HTML) 1 Page - Texas Instruments

  VP232 Datasheet HTML 1Page - Texas Instruments VP232 Datasheet HTML 2Page - Texas Instruments VP232 Datasheet HTML 3Page - Texas Instruments VP232 Datasheet HTML 4Page - Texas Instruments VP232 Datasheet HTML 5Page - Texas Instruments VP232 Datasheet HTML 6Page - Texas Instruments VP232 Datasheet HTML 7Page - Texas Instruments VP232 Datasheet HTML 8Page - Texas Instruments VP232 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
www.ti.com
FEATURES
APPLICATIONS
D
GND
VCC
R
RS
CANH
CANL
Vref
SN65HVD230D
(Marked as VP230)
SN65HVD231D (Marked as VP231)
(TOP VIEW)
1
2
3
4
8
7
6
5
NC – No internal connection
D
GND
VCC
R
NC
CANH
CANL
NC
SN65HVD232D (Marked as VP232)
(TOP VIEW)
1
2
3
4
8
7
6
5
LOGIC DIAGRAM (POSITIVE LOGIC)
CANL
CANH
R
D
1
4
7
6
SN65HVD230, SN65HVD231
Logic Diagram (Positive Logic)
RS
8
Vref
5
3
VCC
CANL
CANH
R
D
1
4
7
6
SN65HVD232
Logic Diagram (Positive Logic)
SN65HVD230
SN65HVD231
SN65HVD232
SLOS346H – MARCH 2001 – REVISED JULY 2006
3.3-V CAN TRANSCEIVERS
•
Motor Control
•
Operates With a 3.3-V Supply
•
Industrial Automation
•
Low Power Replacement for the PCA82C250
•
Basestation Control and Status
Footprint
•
Robotics
•
Bus/Pin ESD Protection Exceeds 16 kV HBM
•
Automotive
•
High Input Impedance Allows for 120 Nodes
•
UPS Control
on a Bus
•
Controlled Driver Output Transition Times for
Improved Signal Quality on the SN65HVD230
and SN65HVD231
•
Unpowered Node Does Not Disturb the Bus
•
Compatible With the Requirements of the ISO
11898 Standard
•
Low-Current SN65HVD230 Standby Mode
370
µA Typical
•
Low-Current SN65HVD231 Sleep Mode 40 nA
Typical
•
Designed for Signaling Rates(1) up to 1
Megabit/Second (Mbps)
•
Thermal Shutdown Protection
•
Open-Circuit Fail-Safe Design
•
Glitch-Free Power-Up and Power-Down
Protection for Hot-Plugging Applications
(1)
The signaling rate of a line is the number of voltage
transitions that are made per second expressed in the units
bps (bits per second).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TMS320Lx240x is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - VP232

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
VP2320N1 ISC-VP2320N1 Datasheet
295Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - VP232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com