Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314 Datasheet(PDF) 22 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 22 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 18Page - Exar Corporation XRT83SL314 Datasheet HTML 19Page - Exar Corporation XRT83SL314 Datasheet HTML 20Page - Exar Corporation XRT83SL314 Datasheet HTML 21Page - Exar Corporation XRT83SL314 Datasheet HTML 22Page - Exar Corporation XRT83SL314 Datasheet HTML 23Page - Exar Corporation XRT83SL314 Datasheet HTML 24Page - Exar Corporation XRT83SL314 Datasheet HTML 25Page - Exar Corporation XRT83SL314 Datasheet HTML 26Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 83 page
background image
XRT83SL314
xr
REV. 1.0.1
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
19
2.4
Equalizer Attenuation Flag
The ability to detect the amount of cable loss on the receiver inputs is enhanced by having the ability to
generate an interrupt by programming a pre-determined value for cable loss into the EQFLAG[5:0] global
register. This is particularly useful in applications where it is necessary for the LIU to generate an interrupt for
a cable loss which is lower than the declaration of the RLOS feature (see the RLOS section in this datasheet).
If the contents of the EQFLAG[5:0] register bits are equal to or less than the contents in the cable loss indicator
bits CLOS[5:0] for a given channel, an interrupt will be generated (if enabled in the appropriate channel register
and GIE is to "1"). Using the same example in Figure 7, a simplified block diagram of the equalizer flag is
shown in Figure 8.
FIGURE 8. SIMPLIFIED BLOCK DIAGRAM OF THE EQUALIZER ATTENUATION FLAG
2.5
Peak Detector and Slicer
The peak detector provides feedback to the equalizer control circuit until the amplitude of the incoming signal is
at an appropriate level. Once this level is obtained, the slicer identifies the incoming signal as a "1" and passes
the raw data to the clock and data recovery circuit. The slicer threshold is selected by programming SL[1:0] in
the appropriate global register. Selecting the slicer level is shown in Table 4.
TABLE 4: SELECTING THE SLICER LEVEL FOR THE PEAK DETECTOR
SL[1:0]
SLICER LEVEL
0h (00)
50%
1h (01)
45%
2h (10)
55%
3h (11)
68%
XRT83SL314
-15dB of Cable
Loss
Equalizer and
Peak Detector
CLOS[5:0] = 0x0Fh
EQFLAG[5:0] = 0x0Fh
Programmable
If (CLOS = EQFLAG)
Generate an Interrupt
Receiver Inputs
RTIP/RRING
Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com