Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314 Datasheet(PDF) 75 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 75 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 71Page - Exar Corporation XRT83SL314 Datasheet HTML 72Page - Exar Corporation XRT83SL314 Datasheet HTML 73Page - Exar Corporation XRT83SL314 Datasheet HTML 74Page - Exar Corporation XRT83SL314 Datasheet HTML 75Page - Exar Corporation XRT83SL314 Datasheet HTML 76Page - Exar Corporation XRT83SL314 Datasheet HTML 77Page - Exar Corporation XRT83SL314 Datasheet HTML 78Page - Exar Corporation XRT83SL314 Datasheet HTML 79Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
72
TABLE 51: MICROPROCESSOR REGISTER 0XEAH BIT DESCRIPTION
TABLE 52: MICROPROCESSOR REGISTER 0XEBH BIT DESCRIPTION
GLOBAL REGISTER (0XEAH)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
GCHIS7
Global Channel Interrupt Status for Channel 7
0 = No interrupt activity from channel 7
1 = Interrupt was generated from channel 7
RUR
0
D6
GCHIS6
Global Channel Interrupt Status for Channel 6
0 = No interrupt activity from channel 6
1 = Interrupt was generated from channel 6
RUR
0
D5
GCHIS5
Global Channel Interrupt Status for Channel 5
0 = No interrupt activity from channel 5
1 = Interrupt was generated from channel 5
RUR
0
D4
GCHIS4
Global Channel Interrupt Status for Channel 4
0 = No interrupt activity from channel 4
1 = Interrupt was generated from channel 4
RUR
0
D3
GCHIS3
Global Channel Interrupt Status for Channel 3
0 = No interrupt activity from channel 3
1 = Interrupt was generated from channel 3
RUR
0
D2
GCHIS2
Global Channel Interrupt Status for Channel 2
0 = No interrupt activity from channel 2
1 = Interrupt was generated from channel 2
RUR
0
D1
GCHIS1
Global Channel Interrupt Status for Channel 1
0 = No interrupt activity from channel 1
1 = Interrupt was generated from channel 1
RUR
0
D0
GCHIS0
Global Channel Interrupt Status for Channel 0
0 = No interrupt activity from channel 0
1 = Interrupt was generated from channel 0
RUR
0
GLOBAL REGISTER (0XEBH)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used
RUR
0
D6
Reserved
This Register Bit is Not Used
RUR
0
D5
GCHIS13
Global Channel Interrupt Status for Channel 13
0 = No interrupt activity from channel 13
1 = Interrupt was generated from channel 13
RUR
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com