Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314 Datasheet(PDF) 46 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 46 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 42Page - Exar Corporation XRT83SL314 Datasheet HTML 43Page - Exar Corporation XRT83SL314 Datasheet HTML 44Page - Exar Corporation XRT83SL314 Datasheet HTML 45Page - Exar Corporation XRT83SL314 Datasheet HTML 46Page - Exar Corporation XRT83SL314 Datasheet HTML 47Page - Exar Corporation XRT83SL314 Datasheet HTML 48Page - Exar Corporation XRT83SL314 Datasheet HTML 49Page - Exar Corporation XRT83SL314 Datasheet HTML 50Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 83 page
background image
XRT83SL314
xr
REV. 1.0.1
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
43
5.1
The Microprocessor Interface Block Signals
The LIU may be configured into different operating modes and have its performance monitored by software
through a standard microprocessor using data, address and control signals.
These interface signals are
described below in Table 15, Table 16, and Table 17. The microprocessor interface can be configured to
operate in Intel mode or Motorola mode. When the microprocessor interface is operating in Intel mode, some
of the control signals function in a manner required by the Intel 80xx family of microprocessors. Likewise, when
the microprocessor interface is operating in Motorola mode, then these control signals function in a manner as
required by the Motorola Power PC family of microprocessors. (For using a Motorola 68K asynchronous
processor, see Figure 41 and Table 20) Table 15 lists and describes those microprocessor interface signals
whose role is constant across the two modes. Table 16 describes the role of some of these signals when the
microprocessor interface is operating in the Intel mode. Likewise, Table 17 describes the role of these signals
when the microprocessor interface is operating in the Motorola Power PC mode.
TABLE 15: XRT84L314 MICROPROCESSOR INTERFACE SIGNALS THAT EXHIBIT CONSTANT ROLES IN BOTH INTEL
AND
MOTOROLA MODES
PIN NAME
TYPE
DESCRIPTION
µPTS[2:0]
I
Microprocessor Interface Mode Select Input pins
These three pins are used to specify the microprocessor interface mode. The relationship
between the state of these three input pins, and the corresponding microprocessor mode is
presented in Table 14.
DATA[7:0]
I/O
Bi-Directional Data Bus for register "Read" or "Write" Operations.
ADDR[10:8]
I
Three-Bit Address Bus Inputs
The 3 MSBs of the address bits are used as a chip select decoder. The state of these 3 pins
enable the Chip Selects for additional LIU devices.
NOTE: See the 84-Channel Application Section of this datasheet.
ADDR[7:0]
I
Eight-Bit Address Bus Inputs
The XRT83SL314 LIU microprocessor interface uses a direct address bus. This address bus
is provided to permit the user to select an on-chip register for Read/Write access.
CS
I
Chip Select Input
This active low signal selects the microprocessor interface of the XRT83SL314 LIU and
enables Read/Write operations with the on-chip register locations.
TABLE 16: INTEL MODE: MICROPROCESSOR INTERFACE SIGNALS
XRT83SL314
PIN NAME
INTEL
EQUIVALENT PIN
TYPE
DESCRIPTION
ALE_TS
ALE
I
Address-Latch Enable: This active high signal is used to latch the contents on
the address bus ADDR[7:0]. The contents of the address bus are latched into the
ADDR[7:0] inputs on the falling edge of ALE.
RD_WE
RD
I
Read Signal: This active low input functions as the read signal from the local
µP.
When this pin is pulled “Low” (if CS is “Low”) the LIU is informed that a read oper-
ation has been requested and begins the process of the read cycle.
WR_R/W
WR
I
Write Signal: This active low input functions as the write signal from the local
µP.
When this pin is pulled “Low” (if CS is “Low”) the LIU is informed that a write
operation has been requested and begins the process of the write cycle.
RDY_TA
RDY
O
Ready Output: This active low signal is provided by the LIU device. It indicates
that the current read or write cycle is complete, and the LIU is waiting for the next
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com