Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314 Datasheet(PDF) 73 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 73 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 69Page - Exar Corporation XRT83SL314 Datasheet HTML 70Page - Exar Corporation XRT83SL314 Datasheet HTML 71Page - Exar Corporation XRT83SL314 Datasheet HTML 72Page - Exar Corporation XRT83SL314 Datasheet HTML 73Page - Exar Corporation XRT83SL314 Datasheet HTML 74Page - Exar Corporation XRT83SL314 Datasheet HTML 75Page - Exar Corporation XRT83SL314 Datasheet HTML 76Page - Exar Corporation XRT83SL314 Datasheet HTML 77Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
70
CLOCK SELECT REGISTER
The input clock source is used to generate all the necessary clock references internally to the LIU. The
microprocessor timing is derived from a PLL output which is chosen by programming the Clock Select Bits in
register 0xE9h. Therefore, if the clock selection bits are being programmed, the frequency of the PLL output
will be adjusted accordingly. During this adjustment, it is important to "Not" write to any other bit location within
the same register while selecting the input/output clock frequency. For best results, register 0xE9h can be
broken down into two sub-registers with the MSB being bits D[7:4] and the LSB being bits D[3:0] as shown in
Figure 42. Note: Bits D[7:6] are reserved.
FIGURE 42. REGISTER 0XE9H SUB REGISTERS
Programming Examples:
Example 1: Changing bits D[7:4]
If bits D[7:4] are the only values within the register that will change in a WRITE process, the microprocessor
only needs to initiate ONE write operation.
Example 2: Changing bits D[3:0]
If bits D[3:0] are the only values within the register that will change in a WRITE process, the microprocessor
only needs to initiate ONE write operation.
Example 3: Changing bits within the MSB and LSB
In this scenario, one must initiate TWO write operations such that the MSB and LSB do not change within ONE
write cycle. It is recommended that the MSB and LSB be treated as two independent sub-registers. One can
either change the clock selection (LSB) and then change bits D[5:4] (MSB) on the SECOND write, or vice-
versa. No order or sequence is necessary.
TABLE 50: MICROPROCESSOR REGISTER 0XE9H BIT DESCRIPTION
GLOBAL REGISTER (0XE9H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used
R/W
0
D6
Reserved
This Register Bit is Not Used
R/W
0
D0
D1
D2
D3
D4
D5
D6
D7
MSB
LSB
Clock Selection Bits
ALLT1/E1, CLKCNTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com