Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314 Datasheet(PDF) 28 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 28 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 24Page - Exar Corporation XRT83SL314 Datasheet HTML 25Page - Exar Corporation XRT83SL314 Datasheet HTML 26Page - Exar Corporation XRT83SL314 Datasheet HTML 27Page - Exar Corporation XRT83SL314 Datasheet HTML 28Page - Exar Corporation XRT83SL314 Datasheet HTML 29Page - Exar Corporation XRT83SL314 Datasheet HTML 30Page - Exar Corporation XRT83SL314 Datasheet HTML 31Page - Exar Corporation XRT83SL314 Datasheet HTML 32Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 83 page
background image
XRT83SL314
xr
REV. 1.0.1
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
25
2.6.3.5
FLSD (FIFO Limit Status Detection)
The purpose of the FIFO limit status is to indicate when the Read and Write FIFO pointers are within a pre-
determined range (over-flow or under-flow indication). The FLSD is set to "1" if the FIFO Read and Write
Pointers are within ±3-Bits.
2.6.3.6
LCVD (Line Code Violation Detection)
The LIU contains 14 independent, 16-bit LCV counters. When the counters reach full-scale, they remain
saturated at FFFFh until they are reset globally or on a per channel basis. For performance monitoring, the
counters can be updated globally or on a per channel basis to place the contents of the counters into holding
registers. The LIU uses an indirect address bus to access a counter for a given channel. Once the contents of
the counters have been placed in holding registers, they can be individually read out from register 0xE8h 8-bits
at a time according to the BYTEsel bit in the appropriate global register. By default, the LSB is in register
0xE8h until the BYTEsel is pulled "High" where upon the MSB will be placed in the register for read back.
Once both bytes have been read, the next channel may be selected for read back.
By default, the LVC/OFD will be set to a "1" if the receiver is currently detecting line code violations or
excessive zeros for HDB3 (E1 mode) or B8ZS (T1 mode). In AMI mode, the LCVD will be set to a "1" if the
receiver is currently detecting bipolar violations or excessive zeros.
However, if the LIU is configured to
monitor the 16-bit LCV counter by programming the appropriate global register, the LCV/OFD will be set to a
"1" if the counter saturates.
2.7
Receive Jitter Attenuator
The receive path has a dedicated jitter attenuator that reduces phase and frequency jitter in the recovered
clock. The jitter attenuator uses a data FIFO (First In First Out) with a programmable depth of 32-bit or 64-bit.
If the LIU is used for line synchronization (loop timing systems), the JA should be enabled. When the Read
and Write pointers of the FIFO are within 2-Bits of over-flowing or under-flowing, the bandwidth of the jitter
attenuator is widened to track the short term input jitter, thereby avoiding data corruption. When this condition
occurs, the jitter attenuator will not attenuate input jitter until the Read/Write pointer’s position is outside the 2-
Bit window.
In T1 mode, the bandwidth of the JA is always set to 3Hz.
In E1 mode, the bandwidth is
programmable to either 10Hz or 1.5Hz (1.5Hz automatically selects the 64-Bit FIFO depth). The JA has a
clock delay equal to ½ of the FIFO bit depth.
NOTE: If the LIU is used in a multiplexer/mapper application where stuffing bits are typically removed, the transmit path has
a dedicated jitter attenuator to smooth out the gapped clock. See the Transmit Section of this datasheet.
2.8
HDB3/B8ZS Decoder
In single rail mode, RPOS can decode AMI or HDB3/B8ZS signals. For E1 mode, HDB3 is defined as any
block of 4 successive zeros replaced with OOOV or BOOV, so that two successive V pulses are of opposite
polarity to prevent a DC component. In T1 mode, 8 successive zeros are replaced with OOOVBOVB. If the
HDB3/B8ZS decoder is selected, the receive path removes the V and B pulses so that the original data is
output to RPOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com