Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314 Datasheet(PDF) 44 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 44 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 40Page - Exar Corporation XRT83SL314 Datasheet HTML 41Page - Exar Corporation XRT83SL314 Datasheet HTML 42Page - Exar Corporation XRT83SL314 Datasheet HTML 43Page - Exar Corporation XRT83SL314 Datasheet HTML 44Page - Exar Corporation XRT83SL314 Datasheet HTML 45Page - Exar Corporation XRT83SL314 Datasheet HTML 46Page - Exar Corporation XRT83SL314 Datasheet HTML 47Page - Exar Corporation XRT83SL314 Datasheet HTML 48Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 83 page
background image
XRT83SL314
xr
REV. 1.0.1
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
41
the interrupt pin to go "Low". Once the status register is read, the interrupt pin will return "High" and the status
register will be reset (RUR).
4.8
Line Termination (TTIP/TRING)
The output stage of the transmit path generates standard return-to-zero (RZ) signals to the line interface for T1/
E1/J1 twisted pair or E1 coaxial cable.
The physical interface is optimized by placing the terminating
impedance inside the LIU. This allows one bill of materials for all modes of operation reducing the number of
external components necessary in system design.
The transmitter outputs only require one DC blocking
capacitor of 0.68µF. For redundancy applications (or simply to tri-state the transmitters), set TxTSEL to a "1" in
the appropriate channel register. A typical transmit interface is shown in Figure 37.
FIGURE 37. TYPICAL CONNECTION DIAGRAM USING INTERNAL TERMINATION
T
TIP
T
RING
XRT83SL314 LIU
1:2
Internal Impedance
Line Interface T1/E1/J1
C=0.68uF
One Bill of Materials
Transmitter
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com