Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314 Datasheet(PDF) 62 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 62 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 58Page - Exar Corporation XRT83SL314 Datasheet HTML 59Page - Exar Corporation XRT83SL314 Datasheet HTML 60Page - Exar Corporation XRT83SL314 Datasheet HTML 61Page - Exar Corporation XRT83SL314 Datasheet HTML 62Page - Exar Corporation XRT83SL314 Datasheet HTML 63Page - Exar Corporation XRT83SL314 Datasheet HTML 64Page - Exar Corporation XRT83SL314 Datasheet HTML 65Page - Exar Corporation XRT83SL314 Datasheet HTML 66Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 83 page
background image
XRT83SL314
xr
REV. 1.0.1
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
59
NOTE: Any change in status will generate an interrupt (if enabled in channel register 0x04h and GIE is set to "1" in the
global register 0xE0h). The status registers are reset upon read (RUR).
TABLE 31: MICROPROCESSOR REGISTER 0X06H BIT DESCRIPTION
CHANNEL 0-13 (0X06H-0XD6H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
EQFLAGS
Equalizer Attenuation Flag Status
0 = No change
1 = Change in status occurred
RUR
0
D6
DMOIS
Digital Monitor Output Status
0 = No change
1 = Change in status occurred
RUR
0
D5
FLSIS
FIFO Limit Status
0 = No change
1 = Change in status occurred
RUR
0
D4
LCV/OFIS
Line Code Violation / Overflow Status
0 = No change
1 = Change in status occurred
RUR
0
D3
NLCDIS
Network Loop Code Detection Status
0 = No change
1 = Change in status occurred
RUR
0
D2
AISDIS
Alarm Indication Signal Status
0 = No change
1 = Change in status occurred
RUR
0
D1
RLOSIS
Receiver Loss of Signal Status
0 = No change
1 = Change in status occurred
RUR
0
D0
QRPDIS
Quasi Random Pattern Detection Status
0 = No change
1 = Change in status occurred
RUR
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com