Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314 Datasheet(PDF) 70 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 70 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 66Page - Exar Corporation XRT83SL314 Datasheet HTML 67Page - Exar Corporation XRT83SL314 Datasheet HTML 68Page - Exar Corporation XRT83SL314 Datasheet HTML 69Page - Exar Corporation XRT83SL314 Datasheet HTML 70Page - Exar Corporation XRT83SL314 Datasheet HTML 71Page - Exar Corporation XRT83SL314 Datasheet HTML 72Page - Exar Corporation XRT83SL314 Datasheet HTML 73Page - Exar Corporation XRT83SL314 Datasheet HTML 74Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 83 page
background image
XRT83SL314
xr
REV. 1.0.1
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
67
TABLE 47: MICROPROCESSOR REGISTER 0XE6H BIT DESCRIPTION
D4
Reserved
This Register Bit is Not Used
R/W
0
D3
D2
D1
D0
LCVCH3
LCVCH2
LCVCH1
LCVCH0
Line Code Violation Counter Select
These bits are used to select which channel is to be addressed for
reading the contents in register 0xE8h. It is also used to address
the counter for a given channel when performing an update or
reset on a per channel basis. By default, Channel 0 is selected.
0000 = None
0001 = Channel 0
0010 = Channel 1
0011 = Channel 2
0100 = Channel 3
0101 = Channel 4
0110 = Channel 5
0111 = Channel 6
1000 = Channel 7
1001 = Channel 8
1010 = Channel 9
1011 = Channel 10
1100 = Channel 11
1101 = Channel 12
1110 = Channel 13
R/W
0
0
0
0
GLOBAL REGISTER (0XE6H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
Reserved
This Register Bit is Not Used
R/W
0
D6
Reserved
This Register Bit is Not Used
R/W
0
D5
Reserved
This Register Bit is Not Used
R/W
0
D4
allRST
LCV Counter Reset for All Channels
This bit is used to reset all internal LCV counters to their default
state 0000h. This bit must be set to "1" for 1
µS.
0 = Normal Operation
1 = Resets all Counters
R/W
0
D3
allUPDATE LCV Counter Update for All Channels
This bit is used to latch the contents of all 14 counters into holding
registers so that the value of each counter can be read. The chan-
nel is addressed by using bits D[3:0] in register 0xE5h.
0 = Normal Operation
1 = Updates all Counters
R/W
0
GLOBAL REGISTER (0XE5H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com