Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314 Datasheet(PDF) 56 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 56 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 52Page - Exar Corporation XRT83SL314 Datasheet HTML 53Page - Exar Corporation XRT83SL314 Datasheet HTML 54Page - Exar Corporation XRT83SL314 Datasheet HTML 55Page - Exar Corporation XRT83SL314 Datasheet HTML 56Page - Exar Corporation XRT83SL314 Datasheet HTML 57Page - Exar Corporation XRT83SL314 Datasheet HTML 58Page - Exar Corporation XRT83SL314 Datasheet HTML 59Page - Exar Corporation XRT83SL314 Datasheet HTML 60Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 83 page
background image
XRT83SL314
xr
REV. 1.0.1
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
53
0x1Dh
E1 Short Haul/15dB
ITU G.703
120
Ω TP
HDB3
0x1Eh
E1 Gain Mode/29dB
ITU G.703
75
Ω Coax
HDB3
0x1Fh
E1 Gain Mode/29dB
ITU G.703
120
Ω TP
HDB3
TABLE 26: MICROPROCESSOR REGISTER 0X01H BIT DESCRIPTION
CHANNEL 0-13 (0X01H-0XD1H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)
D7
RxTSEL
Receive Termination Select
Upon power up, the receiver is in "High" impedance. RxTSEL is
used to switch between the internal termination and "High" imped-
ance.
0 = "High" Impedance
1 = Internal Termination
R/W
0
D6
TxTSEL
Transmit Termination Select
Upon power up, the transmitter is in "High" impedance. TxTSEL is
used to switch between the internal termination and "High" imped-
ance.
0 = "High" Impedance
1 = Internal Termination
R/W
0
D5
D4
TERSEL1
TERSEL0
Receive Line Impedance Select
TERSEL[1:0] are used to select the line impedance for T1/J1/E1.
00 = 100
Ω
01 = 110
Ω
10 = 75
Ω
11 = 120
Ω
R/W
0
0
D3
RxJASEL
Receive Jitter Attenuator Select
RxJASEL is used to enable the receiver jitter attenuator.
By
default, RxJASEL is disabled.
0 = Disabled
1 = Enabled
R/W
0
D2
TxJASEL
Transmit Jitter Attenuator Select
TxJASEL is used to enable the transmitter jitter attenuator. By
default, TxJASEL is disabled.
0 = Disabled
1 = Enabled
R/W
0
TABLE 25: EQUALIZER CONTROL AND TRANSMIT LINE BUILD OUT
EQC[4:0]
T1/E1 MODE/RECEIVE SENSITIVITY
TRANSMIT LBO
CABLE
CODING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com