Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314 Datasheet(PDF) 74 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 74 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 70Page - Exar Corporation XRT83SL314 Datasheet HTML 71Page - Exar Corporation XRT83SL314 Datasheet HTML 72Page - Exar Corporation XRT83SL314 Datasheet HTML 73Page - Exar Corporation XRT83SL314 Datasheet HTML 74Page - Exar Corporation XRT83SL314 Datasheet HTML 75Page - Exar Corporation XRT83SL314 Datasheet HTML 76Page - Exar Corporation XRT83SL314 Datasheet HTML 77Page - Exar Corporation XRT83SL314 Datasheet HTML 78Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 83 page
background image
XRT83SL314
xr
REV. 1.0.1
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
71
D5
ALLT1/E1
T1/E1 Control
This bit is used to reduce system noise and power consumption. If
the ALL T1/E1 mode is enabled, all output clock references
(excluding the 8kHzout in E1 mode only) are internally shut off. By
default, the ALL T1/E1 mode is enabled.
0 = Enabled (reduce clock switching and power consumption)
1 = Disabled (all clock references are available)
R/W
0
D4
TCLKCNL
Transmit Clock Control
This bit is used to select the transmit output activity at TTIP/TRING
when TCLK is either pulled "Low", pulled "High", or missing.
0 = Transmit All Zeros
1 = TAOS (Transmit All Ones)
R/W
0
D3
D2
D1
D0
CLKSEL3
CLKSEL2
CLKSEL1
CLKSEL0
Clock Input Select
CLKSEL[3:0] is used to select the input clock source used as the
internal timing reference.
0000 = 2.048 MHz
0001 = 1.544 MHz
0010 = 8 kHz
0011 = 16 kHz
0100 = 56 kHz
0101 = 64 kHz
0110 = 128 kHz
0111 = 256 kHz
1000 = 4.096 Mhz
1001 = 3.088 Mhz
1010 = 8.192 Mhz
1011 = 6.176 Mhz
1100 = 16.384 Mhz
1101 = 12.352 Mhz
1110 = 2.048 Mhz
1111 = 1.544 Mhz
R/W
0
0
0
0
GLOBAL REGISTER (0XE9H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com