Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314 Datasheet(PDF) 61 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 61 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 57Page - Exar Corporation XRT83SL314 Datasheet HTML 58Page - Exar Corporation XRT83SL314 Datasheet HTML 59Page - Exar Corporation XRT83SL314 Datasheet HTML 60Page - Exar Corporation XRT83SL314 Datasheet HTML 61Page - Exar Corporation XRT83SL314 Datasheet HTML 62Page - Exar Corporation XRT83SL314 Datasheet HTML 63Page - Exar Corporation XRT83SL314 Datasheet HTML 64Page - Exar Corporation XRT83SL314 Datasheet HTML 65Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
58
D4
LCV/OF
Line Code Violation / Counter Overflow
This bit serves a dual purpose. By default, this bit monitors the line
code violation activity. However, if bit 7 in register 0xE5h is set to a
"1", this bit monitors the overflow status of the internal LCV
counter. An interrupt will not occur unless the LCV/OFIE is set to
"1" in the channel register 0x04h and GIE is set to "1" in the global
register 0xE0h.
0 = No Alarm
1 = A line code violation, bipolar violation, or excessive zeros has
occurred
RO
0
D3
NLCD
Network Loop Code Detection
The network loop code detection is always active regardless if the
interrupt generation is disabled. This bit indicates the NLCD activ-
ity. An interrupt will not occur unless the NLCDIE is set to "1" in the
channel register 0x04h and GIE is set to "1" in the global register
0xE0h.
0 = No Alarm
1 = Network loop code detected according to the mode selected in
channel register 0x03h
RO
0
D2
AISD
Alarm Indication Signal
The alarm indication signal detection is always active regardless if
the interrupt generation is disabled. This bit indicates the AIS
activity. An interrupt will not occur unless the AISIE is set to "1" in
the channel register 0x04h and GIE is set to "1" in the global regis-
ter 0xE0h.
0 = No Alarm
1 = An all ones signal is detected
RO
0
D1
RLOS
Receiver Loss of Signal
The receiver loss of signal detection is always active regardless if
the interrupt generation is disabled. This bit indicates the RLOS
activity. An interrupt will not occur unless the RLOSIE is set to "1"
in the channel register 0x04h and GIE is set to "1" in the global
register 0xE0h.
0 = No Alarm
1 = An RLOS condition is present
RO
0
D0
QRPD
Quasi Random Pattern Detection
The quasi random pattern detection is always active regardless if
the interrupt generation is disabled. This bit indicates that a QRPD
has been detected. An interrupt will not occur unless the QRPDIE
is set to "1" in the channel register 0x04h and GIE is set to "1" in
the global register 0xE0h.
0 = No Alarm
1 = A QRP is detected
RO
0
NOTE: The GIE bit in the global register 0xE0h must be set to "1" in addition to the individual register bits to enable the
interrupt pin.
TABLE 30: MICROPROCESSOR REGISTER 0X05H BIT DESCRIPTION
CHANNEL 0-13 (0X05H-0XD5H)
BIT
NAME
FUNCTION
Register
Type
Default
Value
(HW reset)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com