Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314 Datasheet(PDF) 41 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 41 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 37Page - Exar Corporation XRT83SL314 Datasheet HTML 38Page - Exar Corporation XRT83SL314 Datasheet HTML 39Page - Exar Corporation XRT83SL314 Datasheet HTML 40Page - Exar Corporation XRT83SL314 Datasheet HTML 41Page - Exar Corporation XRT83SL314 Datasheet HTML 42Page - Exar Corporation XRT83SL314 Datasheet HTML 43Page - Exar Corporation XRT83SL314 Datasheet HTML 44Page - Exar Corporation XRT83SL314 Datasheet HTML 45Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
38
4.5.1
ATAOS (Automatic Transmit All Ones)
If ATAOS is selected by programming the appropriate global register, an AMI all ones signal will be transmitted
for each channel that experiences an RLOS condition. If RLOS does not occur, the ATAOS will remain inactive
until an RLOS on a given channel occurs. A simplified block diagram of the ATAOS function is shown in
Figure 33.
FIGURE 33. SIMPLIFIED BLOCK DIAGRAM OF THE ATAOS FUNCTION
4.5.2
Network Loop Up Code
By setting the LIU to generate a NLUC, the transmitters will send out a repeating "00001" pattern. The output
waveform is shown in Figure 34.
FIGURE 34. NETWORK LOOP UP CODE GENERATION
4.5.3
Network Loop Down Code
By setting the LIU to generate a NLDC, the transmitters will send out a repeating "001" pattern. The output
waveform is shown in Figure 35.
FIGURE 35. NETWORK LOOP DOWN CODE GENERATION
RLOS
ATAOS
TAOS
TTIP
TRING
Tx
Network
Loop-Up
Code
1
1
0
0
0
0
0
000
1
Network
Loop-Down
Code
11
1
1
0
00
0
0
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com