Electronic Components Datasheet Search
  English  ▼

X  

XRT83SL314 Datasheet(PDF) 23 Page - Exar Corporation

Part # XRT83SL314
Description  14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT83SL314 Datasheet(HTML) 23 Page - Exar Corporation

Back Button XRT83SL314 Datasheet HTML 19Page - Exar Corporation XRT83SL314 Datasheet HTML 20Page - Exar Corporation XRT83SL314 Datasheet HTML 21Page - Exar Corporation XRT83SL314 Datasheet HTML 22Page - Exar Corporation XRT83SL314 Datasheet HTML 23Page - Exar Corporation XRT83SL314 Datasheet HTML 24Page - Exar Corporation XRT83SL314 Datasheet HTML 25Page - Exar Corporation XRT83SL314 Datasheet HTML 26Page - Exar Corporation XRT83SL314 Datasheet HTML 27Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 83 page
background image
xr
XRT83SL314
14-CHANNEL T1/E1/J1 SHORT-HAUL LINE INTERFACE UNIT
REV. 1.0.1
20
2.6
Clock and Data Recovery
The receive clock (RCLK) is recovered by the clock and data recovery circuitry. An internal PLL locks on the
incoming data stream and outputs a clock that’s in phase with the incoming signal. This allows for multi-
channel T1/E1/J1 signals to arrive from different timing sources and remain independent. In the absence of an
incoming signal, RCLK maintains its timing by using the internal master clock as its reference. The recovered
data can be updated on either edge of RCLK. By default, data is updated on the rising edge of RCLK. To
update data on the falling edge of RCLK, set RCLKE to "1" in the appropriate global register. Figure 9 is a
timing diagram of the receive data updated on the rising edge of RCLK. Figure 10 is a timing diagram of the
receive data updated on the falling edge of RCLK. The timing specifications are shown in Table 5.
FIGURE 9. RECEIVE DATA UPDATED ON THE RISING EDGE OF RCLK
FIGURE 10. RECEIVE DATA UPDATED ON THE FALLING EDGE OF RCLK
RCL K
RP O S
or
RNE G
R
DY
RCL K
R
RCL K
F
R
OH
RCLK
RPOS
or
RNEG
R
DY
RCLK
F
RCLK
R
R
OH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com