Electronic Components Datasheet Search
  English  ▼

X  

PRT2S-C Datasheet(PDF) 30 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 30 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 26Page - PANDUIT CORP. PRT2S-C Datasheet HTML 27Page - PANDUIT CORP. PRT2S-C Datasheet HTML 28Page - PANDUIT CORP. PRT2S-C Datasheet HTML 29Page - PANDUIT CORP. PRT2S-C Datasheet HTML 30Page - PANDUIT CORP. PRT2S-C Datasheet HTML 31Page - PANDUIT CORP. PRT2S-C Datasheet HTML 32Page - PANDUIT CORP. PRT2S-C Datasheet HTML 33Page - PANDUIT CORP. PRT2S-C Datasheet HTML 34Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 192 page
background image
30
Most commonly used parts appear in BOLD.
Part Number
Length
A
in. (mm)
Width
B
in. (mm)
Thickness
C
in. (mm)
Head
Height
D
in. (mm)
Head
Width
E
in. (mm)
Max.
Bundle
Dia.
in. (mm)
Min. Loop
Tensile
Strength
Lbs. (N)
Recommended
PANDUIT ®
Installation Tool
Part No.
Packaging*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
MINIATURE CROSS SECTION
BT1M-M39‡
4.0
(102)
.095
(2.4)
.036
(0.9)
.156
(4.0)
.172
(4.4)
.90
(23)
18
(80)
GTS, GS2B, PTS,
PPTS or STS2
—
—
1000
50000
INTERMEDIATE CROSS SECTION
BT1.5I-M39‡
6.1
(155)
.141
(3.6)
.041
(1.0)
.185
(4.7)
.248
(6.3)
1.50
(38)
40
(178)
GTS, GS2B, PTS,
PPTS or STS2
—
—
1000
25000
STANDARD CROSS SECTION
BT2S-M39‡
8.0
(203)
.185
(4.7)
.045
(1.2)
.220
(5.6)
.320
(8.1)
2.00
(51)
50
(222)
GTS, GS2B
GTH, GS4H, PTS,
PPTS, STS2
or STH2
—
—
1000
10000
BT3S-M39‡
12.0
(305)
.052
(1.3)
3.00
(76)
—
—
1000
10000
BT4S-M39‡
15.1
(384)
4.00
(102)
—
—
1000
5000
LIGHT-HEAVY CROSS SECTION (STRAIGHT TIP)
BT4LH-TL39‡
14.9
(378)
.275
(7.0)
.065
(1.7)
.320
(8.1)
.520
(13.2)
4.00
(102)
120
(534)
GTH,GS4H,
GS4EH, PPTEH,
STH2 or ST2EH
—
—
250
2500
DOME-TOP ® Barb Ty
Heat Stabilized
Nylon 6.6 —
Natural Color
• Available in Miniature, Intermediate, Standard and
Light-Heavy cross sections
• Bundle diameters up to 4.00" (102mm)
• Temperature rating: -40°F (-40°C) to 239°F (115°C)
Side View
Front View
DOME-TOP ® Barb Ty Heat Stabilized Cable Ties (BT Series)
Part Number
Length
A
in.
(mm)
Width
B
in.
(mm)
Thickness
C
in. (mm)
Head
Height
D
in. (mm)
Nominal
Hole Dia.
in. (mm)
Max. Panel
Thickness
in. (mm)
Max.
Bundle
Dia.
in. (mm)
Min. Loop
Tensile
Strength
Lbs. (N)
Recommended
PANDUIT ®
Installation
Tool Part No.
Packaging*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
INTERMEDIATE CROSS SECTION
BW1.5I-D
6.6
(168)
.141
(3.6)
.041
(1.0)
.280
(7.1)
.187
(4.7)
.093
(2.4)
1.50
(38)
40
(178)
GTS, GS2B,
PTS, PPTS
or STS2
—
—
500
5000
STANDARD CROSS SECTION
BW2S-D
8.5
(216)
.185
(4.7)
.052
(1.3)
.370
(9.4)
.250
(6.4)
.156
(4.0)
2.00
(51)
50
(222)
GTS, GS2B
GTH, GS4H,
PTS, PPTS,
STS2 or STH2
—
—
500
5000
DOME-TOP ® Barb Ty
Nylon 6.6 Winged Push
Mount Ties
Push mount ties are used to attach a cable bundle to a surface
such as a flat panel. The anchor is easily pressed into a
pre-drilled hole and locks in place. The wings provide constant
tension when installed, creating a stable, secure fixture and
rattle-free installation.
A REF.
D
C
B
*Order the number of pieces required in multiples of package quantities.
For colors and other materials, see pages 34-35.
All part numbers shown in standard package quantities unless denoted by ‡
E
A REF.
D
STRAIGHT TIP
CURVED TIP
C
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com