Electronic Components Datasheet Search
  English  ▼

X  

PRT2S-C Datasheet(PDF) 48 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 48 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 44Page - PANDUIT CORP. PRT2S-C Datasheet HTML 45Page - PANDUIT CORP. PRT2S-C Datasheet HTML 46Page - PANDUIT CORP. PRT2S-C Datasheet HTML 47Page - PANDUIT CORP. PRT2S-C Datasheet HTML 48Page - PANDUIT CORP. PRT2S-C Datasheet HTML 49Page - PANDUIT CORP. PRT2S-C Datasheet HTML 50Page - PANDUIT CORP. PRT2S-C Datasheet HTML 51Page - PANDUIT CORP. PRT2S-C Datasheet HTML 52Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 192 page
background image
48
Most commonly used parts appear in BOLD.
Double Hose Clamp
Weather Resistant
Nylon 6.6
The Double Hose Clamp can be used on gasoline, hydraulic or
pneumatic hoses. It holds each hose individually to prevent abrasion
and holds them together to prevent twisting.
Part Number
Length
A
in. (mm)
Width
B
in. (mm)
Thickness
C
in. (mm)
Head
Height
D
in. (mm)
Head
Width
E
in. (mm)
Loop Diameters
Min. Loop
Tensile
Strength
Lbs. (N)
Recommended
PANDUIT ®
Installation
Tool Part No.
Packaging*
Fixed
Loop
in. (mm)
Adjustable
Loop
in. (mm)
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
DHC1.12x1.75-D0
11.0
(279)
.28
(7.1)
.050
(1.3)
.31
(7.9)
.44
(11.2)
1.12
(28.4)
1.0 to 1.75
(25 to 44)
100
(445)
GTH, GS4H,
STH2 or ST2EH
—
—
500
2500
1. Wrap clamp around hose.
2. Position second hose in clamp.
3. Loop tail around second hose
and thread tail through both
spacer heads.
E
A REF.
B
C
D
FIXED LOOP
ADJUSTABLE LOOP
Curved tip up
GS4H
Specialty Ties
4. Tension and cut off with
PANDUIT ® tool.
Curved tip up
GS4H
*Order the number of pieces required in multiples of package quantities.
For colors and other materials, see page 50
.
All part numbers shown in standard package quantities unless denoted by ‡.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com