Electronic Components Datasheet Search
  English  ▼

X  

PRT2S-C Datasheet(PDF) 53 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 53 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 49Page - PANDUIT CORP. PRT2S-C Datasheet HTML 50Page - PANDUIT CORP. PRT2S-C Datasheet HTML 51Page - PANDUIT CORP. PRT2S-C Datasheet HTML 52Page - PANDUIT CORP. PRT2S-C Datasheet HTML 53Page - PANDUIT CORP. PRT2S-C Datasheet HTML 54Page - PANDUIT CORP. PRT2S-C Datasheet HTML 55Page - PANDUIT CORP. PRT2S-C Datasheet HTML 56Page - PANDUIT CORP. PRT2S-C Datasheet HTML 57Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 192 page
background image
53
Most commonly used parts appear in BOLD.
•Not included in filled PAN-POUCH ™.
Part Number
Cable Tie
Color
Color
Stripe
Packaging*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PLT1M-L6-4
PLT1M-L3-4
PLT1M-L5-4
PLT1M-L1-4
PLT1M-L8-4
Blue
Orange
Green
Brown
Slate
Yellow
50
50
50
50
50
1000
1000
1000
1000
1000
PLT1M-L6-7
PLT1M-L3-7
PLT1M-L5-7
PLT1M-L1-7
PLT1M-L8-7
Blue
Orange
Green
Brown
Slate•
Violet
50
50
50
50
50
1000
1000
1000
1000
1000
PLT1M-L2
PLT1M-L0
PLT1M-L4
Red
Black•
Yellow•
—
50
50
50
1000
1000
1000
PLT1M-L6
PLT1M-L3
PLT1M-L5
PLT1M-L1
PLT1M-L8
Blue•
Orange•
Green•
Brown•
Slate•
—
50
50
50
50
50
1000
1000
1000
1000
1000
The PAN-POUCH ™ system provides a fast, convenient method of
identifying binder groups on both sides of a splice in PIC cable.
It consists of striped PAN-TY ® Cable Ties in 25 color combinations
which match the universally accepted Even-Count Color Code.
In addition, solid color ties are available for identification of
“Super Groups” in cable containing more than 600 pairs. Cable
ties have maximum bundle diameter of .82" (21mm). Each 50 pc.
package fits into PAN-POUCH ™ over Pocket Pouch.
Cable ties in other solid colors (sold in 100 pc. packages) see pages 24-26.
Part Number
Cable Tie
Color
Color
Stripe
Packaging*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PLT1M-L6-10
PLT1M-L3-10
PLT1M-L5-10
PLT1M-L1-10
PLT1M-L8-10
Blue
Orange
Green
Brown
Slate
White
50
50
50
50
50
1000
1000
1000
1000
1000
PLT1M-L6-2
PLT1M-L3-2
PLT1M-L5-2
PLT1M-L1-2
PLT1M-L8-2
Blue
Orange
Green
Brown
Slate
Red
50
50
50
50
50
1000
1000
1000
1000
1000
PLT1M-L6-0
PLT1M-L3-0
PLT1M-L5-0
PLT1M-L1-0
PLT1M-L8-0
Blue
Orange
Green
Brown
Slate
Black
50
50
50
50
50
1000
1000
1000
1000
1000
Nylon 6.6 Cable Ties
Pouches
Part Number
Description
Pouch
Material
Packaging*
Std.
Pkg.
Qty.
PPC25x50F
PAN-POUCH ™ filled with 1250 cable ties.
50 each of all 24 striped ties plus
solid red.
2 ply
Laminated
Black Nylon/
Vinyl
1
PPC25x50
Empty PAN-POUCH ™
1
PP5x50F
Pocket Pouch filled with 250 cable ties.
50 each: blue, orange, green, brown and
slate all with white stripe.
Vinyl
1
PAN-POUCH ™ is 10 1/2" x 38"
(267mm x 965mm) made of
2 ply laminated black nylon/
vinyl and folds to 10 1/2" x 6"
(266m x 152mm) for easy
storage. The pouch can be
easily hung from cable by
using Hook & Loop fasteners.
Pocket Pouch holds
five (50 pc.) packages.
*Order by the number of pieces required in multiples of package quantities.
All part numbers shown in standard package quantities unless denoted by ‡.
PAN-POUCH ™ Telephone Cable Identification Kit
PANDUIT ® PAN-POUCH ™
Telephone Cable
Identification Kit
.185
(4.7)
.100
(2.5)
3.8
(95)
.036
(.9)
.154
(3.9)
.175
(4.4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com