Electronic Components Datasheet Search
  English  ▼

X  

PRT2S-C Datasheet(PDF) 63 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 63 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 59Page - PANDUIT CORP. PRT2S-C Datasheet HTML 60Page - PANDUIT CORP. PRT2S-C Datasheet HTML 61Page - PANDUIT CORP. PRT2S-C Datasheet HTML 62Page - PANDUIT CORP. PRT2S-C Datasheet HTML 63Page - PANDUIT CORP. PRT2S-C Datasheet HTML 64Page - PANDUIT CORP. PRT2S-C Datasheet HTML 65Page - PANDUIT CORP. PRT2S-C Datasheet HTML 66Page - PANDUIT CORP. PRT2S-C Datasheet HTML 67Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 192 page
background image
63
Most commonly used parts appear in BOLD.
Material Selection Guide
To select the proper cable tie for your application, start at the
left of the chart and answer the “Yes” and “No” questions until
you arrive at the correct material to use.
Suggested Material to use
START
No
Yes
No
Yes
No
No
Yes
No
Yes
No — Nylon 6.6
Yes — Flame Retardant Nylon 6.6 (-69)
No — Heat Stabilized Nylon 6.6 (-30)
Yes —Stainless Steel
No — Natural Polypropylene (-109)
Yes — Stainless Steel
No — Stainless Steel
Yes — Stainless Steel
No — Weather Resistant
Nylon 6.6 (-0) (-00)
Weather Resistant Acetal
Yes — Stainless Steel
No — Weather Resistant Heat
Stabilized Nylon 6.6 (-300)
Yes — Stainless Steel
No — Weather Resistant
Polypropylene (-100)
or Nylon 12 (-120)
Yes — Stainless Steel
No — Stainless Steel
Yes — Stainless Steel
or TEFZEL** (-76)
or HALAR* (-702)
Yes
No
Yes
Material must
resist high
heat?
No
Yes
**HALAR is a registered trademark of Solvay Solexis, Inc.
*** TEFZEL is a registered trademark of E. I. DuPont de Nemours Co.
Material must
be flame
retardant?
Material must
be flame
retardant?
Material must
be flame
retardant?
Material must
be flame
retardant?
Material must
be flame
retardant?
Material must
be flame
retardant?
Material must
be flame
retardant?
Material must
be flame
retardant?
Material must
resist high
heat?
Material must
be resistant to
chemicals
(salt/acids)?
Material must
resist high
heat?
Does material
need to be
UV resistant?
Material must
resist high
heat?
Material must
be resistant
to chemicals
(salt/acids)?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com