Electronic Components Datasheet Search
  English  ▼

X  

PRT2S-C Datasheet(PDF) 87 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 87 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 83Page - PANDUIT CORP. PRT2S-C Datasheet HTML 84Page - PANDUIT CORP. PRT2S-C Datasheet HTML 85Page - PANDUIT CORP. PRT2S-C Datasheet HTML 86Page - PANDUIT CORP. PRT2S-C Datasheet HTML 87Page - PANDUIT CORP. PRT2S-C Datasheet HTML 88Page - PANDUIT CORP. PRT2S-C Datasheet HTML 89Page - PANDUIT CORP. PRT2S-C Datasheet HTML 90Page - PANDUIT CORP. PRT2S-C Datasheet HTML 91Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 192 page
background image
87
Most commonly used parts appear in BOLD.
Snap-In Cable Tie Mounts
Integral retaining notch holds cable tie head in place
below bundle; eliminates protruding tie head and
facilitates one hand tie threading.
Part Number‡
Used
With
Cable
Ties**
Dimensions
in. (mm)
Material
Color
Where
Used
Mounting
Method
Packaging*
ABC
Std.
Pkg.
Qty.*
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
ADHESIVE BACKED
SMS-A-C
S2.00
(50.8)
1.00
(25.4)
.31
(7.9)
ABS
White
Indoors
Rubber
Adhesive
Static Load
1.0 lbs.
(454g)
100
500
500
5000
SCREW MOUNT
SMS-S6-D
S2.00
(50.8)
1.00
(25.4)
.31
(7.9)
ABS
White
Indoors
(2) #6
(M3) Screws
—
—
500
5000
Adhesive Backed Cable Tie Mounts
Adhesive mount and cable tie molded as one piece help reduce
inventory costs. Mount portion features ramp to guide tip into tie head
and holes to install two (2) optional #6 screws for added mounting
strength. Available with locking or releasable tie. Extended adhesive
liner release tab on mount for fast liner removal.
Combination Adhesive Mount/Cable Tie
Part Number‡
Cable Tie Specifications
Recommended
PANDUIT ®
Installation Tool
Material
Color
Adhesive
Type/Static
Load lbs. (g)
Packaging*
Length
A
in. (mm)
Width
B
in. (mm)
Max.
Bundle Dia.
in. (mm)
Min. Loop
Tensile
Strength
Lbs. (N)
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
Locking
PLA2S-A-Q
7.4
(188)
.19
(4.8)
1.85
(47)
50
(222)
GTS, GS2B,
PPTS, PTS,
STS2 or STH2
Nylon 6.6 White
Rubber
.45
(204)
25
250
100
1000
Releasable
PRA2S-A-Q
Hand Installed
Only
25
250
100
1000
.90
(22.9)
.30
(7.6)
1.0
(25.4)
A REF.
B
.148 (3.76)
C
A
1.12
(28.4)
B
.145
(3.7)
*Order the number of mounts required in multiples of package quantities.
‡Part Numbers listed are for Standard Materials in Standard Package Quantity. For Bulk package part n umbers, see page 137-138.
**Recommended cable ties: PLT1S, PLT1.5S, PLT2S, PRT1.5S, PRT2S. Cable Tie Cross Section: S = Standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com