Electronic Components Datasheet Search
  English  ▼

X  

PRT2S-C Datasheet(PDF) 64 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 64 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 60Page - PANDUIT CORP. PRT2S-C Datasheet HTML 61Page - PANDUIT CORP. PRT2S-C Datasheet HTML 62Page - PANDUIT CORP. PRT2S-C Datasheet HTML 63Page - PANDUIT CORP. PRT2S-C Datasheet HTML 64Page - PANDUIT CORP. PRT2S-C Datasheet HTML 65Page - PANDUIT CORP. PRT2S-C Datasheet HTML 66Page - PANDUIT CORP. PRT2S-C Datasheet HTML 67Page - PANDUIT CORP. PRT2S-C Datasheet HTML 68Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 192 page
background image
64
Most commonly used parts appear in BOLD.
Weathering
Ultraviolet light (which is a component of sunlight) attacks, over a period of
time, most plastic materials and reduces their properties by breaking the
molecular chain. The material breakdown is accompanied by reductions in
tensile strength and elongation, increased brittleness, color changes and
loss of surface gloss.
Carbon black, which is used in PANDUIT ® nylon and polypropylene cable
ties, is one of the most effective stabilizers known today. A uniform
dispersion of carbon black provides good ultraviolet light resistance without
adversely affecting physical properties. The addition of carbon black, or any
other ultraviolet light stabilizer, prolongs the useful life of plastic products
used outdoors, but it does not totally eliminate the destructive effects of the
light. Some plastics, such as TEFZEL** or HALAR*, are intrinsically very
resistant to ultraviolet light and do not require stabilizing additives.
Weathering Test Methods
In order to monitor the effects of ultraviolet light and the effectiveness of ultraviolet stabilizers, PANDUIT ®,
in conformance with industry standards, adopted two methods of weatherability testing: Outdoor Aging and
Accelerated Weather Aging.
Outdoor Aging
The Outdoor Aging method is probably the best and most realistic method of the two. It is conducted in
accordance with ASTM D1435 Standard Practice for Outdoor Weathering of Plastics, and allows the
material to be affected by not only ultraviolet light, but by all other outdoor elements as well. Although this
may more closely approximate an actual application, two drawbacks do exist. The period of time required
to produce property decay and material failure may be quite long, and varying adverse chemical
environments cannot be tested.
Accelerated Weather Aging
Accelerated weathering tests are conducted to estimate the rate of degradation due to a combination
of ultraviolet light, temperature and moisture. The methods used are in accordance with the
following standards:
• ASTM D1499, Operating Light and Water Exposure Apparatus (Carbon-Arc type) for exposure
to plastics
• ASTM G53, Operating Light and Water Exposure (Fluorescent U.V. Condensation type) for exposure of
non-metallic materials
The condition specified in ASTM D1499 utilizes a carbon arc to simulate natural sunshine and a water
spray. The test chamber is operated 20 hrs/day with a two hour cycle of 108 minutes of simulated sunshine
and 12 minutes of sunshine and water spray. The temperature of a black body inside the chamber is
approximately 63°C (145°F) during the “Sunshine Only” portion of the cycle. Humidity is not controlled
inside the chamber.
The test chamber per ASTM G53 uses fluorescent sun lamps to generate ultraviolet light only. A heated
water pan produces condensation during a portion of the cycle.The daily cycle is composed of 20 hours of
light followed by 4 hours of condensation. Black body temperatures during the light cycle are 50°C (122°F)
and 40°C (104°F) during the condensation cycle.
PANDUIT ® has also designed a special chamber which is used to simulate the effect of acid rain and
ultraviolet light on cable tie materials. The effect of other common chemicals, such as road salt, are also
evaluated in this chamber.
These methods are effective in quickly determining the ultraviolet light resistance of the various cable tie
materials, but it must be emphasized that there are no exact correlations between accelerated aging and
actual outdoor exposure.
*HALAR is a registered trademark of Solvay Solexis, Inc.
**TEFZEL is a registered trademark of E. I. DuPont de Nemours Co.
Weathering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com