Electronic Components Datasheet Search
  English  ▼

X  

PRT2S-C Datasheet(PDF) 88 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 88 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 84Page - PANDUIT CORP. PRT2S-C Datasheet HTML 85Page - PANDUIT CORP. PRT2S-C Datasheet HTML 86Page - PANDUIT CORP. PRT2S-C Datasheet HTML 87Page - PANDUIT CORP. PRT2S-C Datasheet HTML 88Page - PANDUIT CORP. PRT2S-C Datasheet HTML 89Page - PANDUIT CORP. PRT2S-C Datasheet HTML 90Page - PANDUIT CORP. PRT2S-C Datasheet HTML 91Page - PANDUIT CORP. PRT2S-C Datasheet HTML 92Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 192 page
background image
88
Most commonly used parts appear in BOLD.
*Order the number of mounts required in multiplies of package quantities.
‡Part numbers listed are for standard Materials in Standard Package Quantity. For Bulk package part numbers, see page 137-138.
**Cable Tie Cross Section Sizes: M = Miniature, I = Intermediate and S = Standard.
"Max. static load rating, following full cure period, when applied with PANDUIT ® EMA Epoxy Adhesive according to installation instructions.
EMA Epoxy supplied in convenient two-compartment mixer
cup with a mixer stick for each cup. Each cup contains
adhesive for three (3) EMS or ASMS mounts.
Epoxy hardens in about five (5) minutes. Supports about 5 lbs.
after first 15 minutes. After full 24-hour curing time, bonding
strength will exceed 50 lbs. on clean, grease-free surface.
Note: Not recommended for polyethylene and polypropylene.
Part Number‡
Used
With
Cable
Ties**
Where
Used
Contents of Each Kit
Packaging*
Epoxy
Cups
Mixer
Sticks
EMS
Mounts
Cable
Ties
Std.
Pkg.
Qty.
Bulk
Pkg.
Qty.
EPOXY ADHESIVE ONLY
EMA-X
—
Indoor/
Outdoor
10
10
None
None
10
Kits
—
EPOXY MOUNTING KIT WITH EMS MOUNTS
EMSK3-1-X0
M, I, S
Indoor/
Outdoor
1
1
3
None
10
Kits
100
Kits
EPOXY MOUNTING KIT WITH EMS MOUNTS AND CABLE TIES
EMSK3-1-3-0
M, I, S
Indoor/
Outdoor
1
1
3
3 ea.
PLT2S-0
1
Kit
10
Kits
EMSK12-4-12-X0
M, I, S
4
4
12
12 ea.
PLT2S-0
10
Kits
100
Kits
Cable Tie Mounts
These mounts are designed for application with PANDUIT ®
EMA Epoxy. Provides a fast, strong, economical method to
secure wire or cable to steel, aluminum, glass, wood and
most other surfaces. Especially well suited to construction
and maintenance applications. Eliminates the need to
drill holes.
Part Number‡
Used
With
Cable
Ties**
Dimensions
in. (mm)
Material
Color
Where
Used
Mounting
Method
Max.
Static
Load
lbs. (g)
"
Packaging*
ABC
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
EMS-A-C
M, I, S
.98
(24.9)
.98
(24.9)
.26
(6.6)
Nylon 6.6
Natural
Indoors
EMA
Epoxy
10 (4540)
100
500
500
1000
EMS-A-C0
Weather
Resistant
Nylon 6.6
Black
Outdoors
100
500
500
5000
A
B
C
Epoxy Applied Mounts
B
0.75"
(19)
C
0.50"
(12.7)
A
Part Number‡
Used
With
Cable
Ties
Dimensions
in. (mm)
Where
Used
Mounting
Method
Max. Static
Load
lbs. (g)
"
Packaging*
ABC
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
ASMS-A-X
M, I, S
1.125
(28.6)
1.125
(28.6)
.35
(8.9)
Indoors
EMA
Epoxy
10 (4540)
10
50
200
1000
Epoxy Applied Swivel Mounts
Mount swivels 360° to assure proper orientation
with harness. Four inspection holes to check
adhesive coverage.
Material:
Base and Rivet: Aluminum
Mount: Natural Nylon 6.6 — Indoors
Epoxy Adhesive and Mount Kits
EMA EPOXY
EMSK3-1-X0 Epoxy Kit with mounts.
Packed in sturdy foil pouch
EMSK-12-4-12-X0 Epoxy Kit with
mounts and cable ties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com