Electronic Components Datasheet Search
  English  ▼

X  

PRT2S-C Datasheet(PDF) 32 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 32 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 28Page - PANDUIT CORP. PRT2S-C Datasheet HTML 29Page - PANDUIT CORP. PRT2S-C Datasheet HTML 30Page - PANDUIT CORP. PRT2S-C Datasheet HTML 31Page - PANDUIT CORP. PRT2S-C Datasheet HTML 32Page - PANDUIT CORP. PRT2S-C Datasheet HTML 33Page - PANDUIT CORP. PRT2S-C Datasheet HTML 34Page - PANDUIT CORP. PRT2S-C Datasheet HTML 35Page - PANDUIT CORP. PRT2S-C Datasheet HTML 36Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 192 page
background image
32
Most commonly used parts appear in BOLD.
DOME-TOP ® Barb Ty Marker and Flag Ties (BM/BF Series)
DOME-TOP ® Barb Ty
Nylon 6.6 Marker
and Flag Ties
• Used to fasten and identify bundles at the same time
• They can be marked with PANDUIT ® Marker Pens, Custom Hot
Stamping Service on page 52 or Computer Printable Labels
• Available in Miniature and Standard Cross Section
• Bundle diameters up to 4.00" (102mm)
• Available in natural and weather resistant nylon
Part Number
Length
A
in. (mm)
Width
B
in. (mm)
Thickness
C
in. (mm)
Head
Height
D
in. (mm)
Head
Width
E
in. (mm)
Marker
Write-on
Area
in. (mm)
Max.
Bundle
Dia.
in. (mm)
Min. Loop
Tensile
Strength
Lbs. (N)
Recommended
PANDUIT ®
Installation Tool
Part No.
Packaging*
Std.
Pkg.
Qty.*
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
MINIATURE CROSS SECTION
BF1M-C
4.6
(117)
.095
(2.4)
.046
(1.2)
.156
(4.0)
.182
(4.6)
.36 x .81
(9.1) x (20.6)
.90
(23)
18
(80)
GTS, GS2B,
PTS, PPTS
or STS2
100
1000
1000 25000
BF2M-C
8.3
(211)
2.00
(51)
100
1000
1000 25000
Part Number
Length
A
in. (mm)
Width
B
in. (mm)
Thickness
C
in. (mm)
Head
Height
D
in. (mm)
Head
Width
E
in. (mm)
Marker
Write-on
Area
in. (mm)
Max.
Bundle
Dia.
in. (mm)
Min. Loop
Tensile
Strength
Lbs. (N)
Recommended
PANDUIT ®
Installation Tool
Part No.
Packaging*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
STANDARD CROSS SECTION
BM2S-C
8.0
(203)
.185
(4.7)
.045
(1.2)
.220
(5.6)
.320
(8.1)
.49 x .91
(12.4) x (23.1)
2.00
(51)
50
(222)
GTS, GS2B
GTH, GS4H, PTS,
PPTS or STH2
100
1000
500
10000
BM4S-C
15.1
(384)
.052
(1.3)
.50 x 2.13
(12.7) x (54.1)
4.00
(102)
100
1000
500
10000
*Order the number of pieces required in multiples of package quantities.
For colors and other materials, see pages 34-35.
All part numbers shown in standard package quantities unless denoted by ‡
Part Number
Length
A
in. (mm)
Width
B
in. (mm)
Thickness
C
in. (mm)
Head
Height
D
in. (mm)
Head
Width
E
in. (mm)
Marker
Write-on
Area
in. (mm)
Max.
Bundle
Dia.
in. (mm)
Min. Loop
Tensile
Strength
Lbs. (N)
Recommended
PANDUIT ®
Installation Tool
Part No.
Packaging*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
MINIATURE CROSS SECTION
BM1M-C
4.2
(107)
.095
(2.4)
.046
(1.2)
.156
(4.0)
.182
(4.6)
.29 x 1.09
(7.4) x (27.7)
.90
(23)
18
(80)
GTS, GS2B
PTS, PPTS
or STS2
100
1000
1000
25000
BM2M-C
7.9
(201)
2.00
(51)
100
1000
1000
25000
BM1M
BM2M
BF1M
BF2M
BM2S
BM4S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com