Electronic Components Datasheet Search
  English  ▼

X  

PRT2S-C Datasheet(PDF) 69 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 69 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 65Page - PANDUIT CORP. PRT2S-C Datasheet HTML 66Page - PANDUIT CORP. PRT2S-C Datasheet HTML 67Page - PANDUIT CORP. PRT2S-C Datasheet HTML 68Page - PANDUIT CORP. PRT2S-C Datasheet HTML 69Page - PANDUIT CORP. PRT2S-C Datasheet HTML 70Page - PANDUIT CORP. PRT2S-C Datasheet HTML 71Page - PANDUIT CORP. PRT2S-C Datasheet HTML 72Page - PANDUIT CORP. PRT2S-C Datasheet HTML 73Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 192 page
background image
69
Most commonly used parts appear in BOLD.
NOTE 1: ASTM D638
NOTE 2: Telcordia TR-TSY-000789
NOTE 3: ASTM E8
NOTE 4: See page 68 — Temperature
NOTE 5:Estimated
NOTE 6: (-321) goes to 1700° (923°C)
NOTE 7: After installation
Design Criteria
Part Number Suffix/
Material Designation
None
-0 and
-00
-30
-39
-300
-60
-69
-120
-109
-100
-76
-702
N/A
N/A
Tensile Strength
73°F (psi)
12,000
(Note 1)
12,000
(Note 1)
12,000
(Note 1)
12,000
(Note 1)
12,000
(Note 1)
12,000
(Note 1)
12,000
(Note 1)
8,100
(Note 1)
4,100
(Note 1)
4,100
(Note 1)
7,500
(Note 1)
7,000
(Note 1)
6,500
(Note 2)
90,000
(Note 3)
Color
Natural
Black
Black
Natural
Black
Black
Ivory
Black
Green
Black
Aqua
Maroon
Black
Stain-
less
UL Flammability
See Page 66
Oxygen Index
28
28
26
26
26
34
34
NA
NA
NA
30
60
NA
NA
Radiation Resistance
1 x 105
Rads
1 x 105
Rads
1 x 105
Rads
1 x 105
Rads
1 x 105
Rads
1 x 105
Rads
1 x 105
Rads
3.5 x 106
Rads
1 x 106
Rads
1 x 106
Rads
2 x 108
Rads
2 x 108
Rads
6 x 105
Rads
2 x 108
Rads
Water Absorption
(24 hours)
1.2%
1.2%
1.2%
1.2%
1.2%
1.1%
1.1%
0.3%
0.1%
0.1%
<0.03%
<0.05%
<0.45%
None
Ultraviolet Light
Resistance
Poor
Good
Fair
Poor
Good
Poor
Poor
Good
Poor
Good
Very
Good
Very
Good
Excellent Excellent
Max. Continuous Use
Temperature (Note 4)
185°F
85°C
185°F
85°C
239°F
115°C
239°F
115°C
212°F
100 °C
(Note 5)
212°F
100 °C
212°F
100 °C
194°F
90°C
238°F
115°C
238°F
115°C
338°F
170°C
302°F
150°C
185°F
85°C
1000 °F
537°C
(Note 6)
Min. Continuous Use
Temperature (Note 7)
-40 °F
-40°C
-40 °F
-40°C
-40 °F
-40°C
-40 °F
-40°C
-40 °F
-40°C
-40 °F
-40°C
-40 °F
-40°C
-40°F
-40°C
-40°F
-40°C
-40°F
-40°C
-50°F
-46°C
-50°F
-46°C
-40°F
-40°C
-112°F
-80 °C
Minimum
Loop Tensile
Strength
@120 °F
20% RH
Submin.
Min.
Int.
Std.
Hvy.-Std.
Hvy.
EH
DH
12 lb.
18 lb.
40 lb.
50 lb.
85 lb.
120/
175 lb.
250 lb.
12 lb.
18 lb.
40 lb.
50 lb.
85 lb.
120/
175 lb.
250 lb.
N/A
18 lb.
40 lb.
50 lb.
N/A
120/
175 lb.
250 lb.
N/A
18 lb.
40 lb.
50 lb.
N/A
120/
175 lb.
250 lb.
N/A
18 lb.
30 lb.
50 lb.
N/A
120 lb.
N/A
N/A
18 lb.
30 lb.
50 lb.
N/A
120 lb.
N/A
N/A
18 lb.
40 lb.
50 lb.
N/A
120 lb.
N/A
N/A
N/A
25 lb.
40 lb.
N/A
90 lb.
N/A
N/A
12 lb.
N/A
30 lb.
N/A
50 lb.
90 lb.
N/A
12 lb.
N/A
30 lb.
N/A
50 lb.
90 lb.
N/A
18 lb.
25 lb.
50 lb.
N/A
120 lb.
N/A
N/A
18 lb.
N/A
50 lb.
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
250 lb.
N/A
N/A
N/A
100 lb.
N/A
250 lb.
N/A
600 lb.
Tool Installed
GTS
GTH
GS4H
GS4EH
STS2
STH2
ST2EH
STHV
PTS
PPTS
PPTEH
GTS
GTH
GS4H
GS4EH
STS2
STH2
ST2EH
STHV
PTS
PPTS
PPTEH
GTS
GTH
GS4H
STS2
STH2
ST2EH
STHV
PTS
PPTS
PPTEH
GTS
GTH
GS4H
STS2
STH2
ST2EH
STHV
PTS
PPTS
PPTEH
GTS
GTH
GS4H
STS2
STH2
ST2EH
STHV
PTS
PPTS
PPTEH
GTS
GTH
GS4H
STS2
STH2
ST2EH
STHV
PTS
PPTS
PPTEH
GTS
GTH
GS4H
STS2
STH2
ST2EH
STHV
PTS
PPTS
PPTEH
GTS
GTH
GS4H
STS2
STH2
STHV
PTS
PPTS
GTS
GTH
GS4H
STS2
STH2
PTS
PPTS
GTS
GTH
GS4H
STS2
STH2
PTS
PPTS
GTS
GTH
GS4H
STS2
STH2
PTS
PPTS
GTS
GTH
GS4H
STS2
STH2
PTS
PPTS
GTH
GS4H
GS4EH
ST2EH
GS4MT
ST2MT
PPTMT
HTMT
*HALAR is a registered trademark of Solvay Solexis, Inc.
**TEFZEL is a registered trademark of E. I. DuPont de Nemours Co.
Physical Characteristics of Cable Tie Materials
TABLE B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com