| Electronic Components Datasheet Search |
|
PRT2S-C Datasheet(PDF) 14 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PRT2S-C Datasheet(HTML) 14 Page - PANDUIT CORP. |
|
14 / 192 page ![]() 14 Most commonly used parts appear in BOLD. PAN-TY ® Weather Resistant Nylon Cable Ties SUBMINIATURE AND MINIATURE CROSS SECTION Part Number Length A in. (mm) Width B in. (mm) Thickness C in. (mm) Head Height D in. (mm) Head Width E in. (mm) Max. Bundle Dia. in. (mm) Min. Loop Tensile Strength Lbs. (N) Recommended PANDUIT ® Installation Tool Part No. Packaging* Std. Pkg. Qty. Std. Ctn. Qty. Bulk Pkg. Qty. Bulk Ctn. Qty. PLT.6SM-C0 2.8 (71) .070 (1.8) .030 (.8) .095 (2.4) .125 (3.2) .60 (15) 8 (36) GTS, PTS or STS2 100 1000 1000 50000 PLT1M-C0 3.9 (99) .098 (2.5) .043 (1.1) .154 (3.9) .180 (4.6) .87 (22) 18 (80) GTS, GS2B, PTS, PPTS or STS2 100 1000 1000 50000 PLT1.5M-C0 5.6 (142) 1.25 (32) 100 1000 1000 50000 PLT2M-C0 8.0 (203) 2.00 (51) 100 1000 1000 25000 INTERMEDIATE CROSS SECTION PLT1.5I-C0 5.6 (142) .142 (3.6) .045 (1.1) .180 (4.6) .240 (6.1) 1.38 (35) 40 (178) GTS, GS2B, PTS, PPTS or STS2 100 1000 1000 25000 PLT2I-C0 8.0 (203) 2.00 (51) 100 1000 1000 25000 PLT2.5I-C0 9.7 (246) .052 (1.3) 2.50 (64) 100 1000 1000 10000 PLT3I-C0 11.4 (290) .145 (3.7) .280 (6.6) 3.00 (76) 100 1000 1000 10000 PLT4I-C0 14.5 (368) 4.00 (102) 100 1000 1000 10000 Weather Resistant Nylon 6.6 Cable Ties (PLT Series) STANDARD CROSS SECTION PLT1S-C0 4.8 (122) .190 (4.8) .052 (1.3) .220 (5.6) .316 (8.0) 1.00 (25) 50 (222) GTS, GS2B, GTH, GS4H, PTS, PPTS, STS2 or STH2 100 1000 1000 10000 PLT1.5S-C0 6.2 (157) 1.50 (38) 100 1000 1000 10000 PLT2S-C0 7.4 (188) 1.88 (48) 100 1000 1000 10000 PLT2.5S-C0 9.8 (249) .337 (8.6) 2.50 (64) 100 1000 1000 10000 PLT3S-C0 11.5 (292) 3.00 (76) 100 1000 1000 10000 PLT4S-C0 14.5 (368) 4.00 (102) 100 1000 1000 5000 PLT4.5S-C0 15.5 (394) 4.50 (114) 100 1000 1000 5000 PLT5S-C0 17.5 (445) 5.00 (127) 100 500 1000 5000 *Order the number of pieces required in multiples of package quantities. For colors and other materials, see pages 24-26 . All part numbers shown in standard package quantities unless denoted by ‡. Weather resistant nylon has greater resistance to ultraviolet light which damages natural nylon. Where adverse outdoor conditions exist, see technical/application data section (pages 64-65) to select proper cable tie material for specific applications. CURVED TIP E D A REF. B C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |