Electronic Components Datasheet Search
  English  ▼

X  

PRT2S-C Datasheet(PDF) 20 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 20 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 16Page - PANDUIT CORP. PRT2S-C Datasheet HTML 17Page - PANDUIT CORP. PRT2S-C Datasheet HTML 18Page - PANDUIT CORP. PRT2S-C Datasheet HTML 19Page - PANDUIT CORP. PRT2S-C Datasheet HTML 20Page - PANDUIT CORP. PRT2S-C Datasheet HTML 21Page - PANDUIT CORP. PRT2S-C Datasheet HTML 22Page - PANDUIT CORP. PRT2S-C Datasheet HTML 23Page - PANDUIT CORP. PRT2S-C Datasheet HTML 24Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 192 page
background image
20
Most commonly used parts appear in BOLD.
Flame Retardant Nylon 6.6 Cable Ties
CURVED TIP
E
D
A REF.
B
C
PAN-TY
® Flame
Retardant Nylon 6.6
Cable Ties and
Marker Ties
• Flame Retardant Nylon 6.6 meets the requirements of UL94V-0
• Can be used with flame retardant cable tie mounts (see pages 86 and 89)
Part Number
Length
A
in. (mm)
Width
B
in. (mm)
Thickness
C
in. (mm)
Head
Height
D
in. (mm)
Head
Width
E
in. (mm)
Marker
Write-on
Area
in. (mm)
Max.
Bundle
Dia.
in. (mm)
Min. Loop
Tensile
Strength
Lbs. (N)
Recommended
PANDUIT ®
Installation
Tool Part No.
Packaging*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
MINIATURE CROSS SECTION
PLF1M-M69‡
4.3
(109)
.098
(2.5)
.045
(1.1)
.154
(3.9)
.180
(4.6)
.31 x .75
(7.9 x 19.1)
.87
(22)
18
(80)
GTS, GS2B,
PTS. PPTS
or STS2
—
—
1000
25000
PLM1M-M69‡
3.9
(99)
.035
(.9)
.26 x .95
(6.6 x 24.1)
.75
(20)
—
—
1000
25000
PLT1M-M69‡
4.0
(102)
.043
(1.1)
.188
(4.8)
—
.87
(22)
—
—
1000
25000
PLT2M-M69‡
8.0
(203)
2.00
(51)
—
—
1000
25000
INTERMEDIATE CROSS SECTION
PLT1.5I-M69‡
5.6
(142)
.142
(3.6)
.044
(1.1)
.177
(4.5)
.239
(6.1)
—
1.38
(35)
40
(178)
GTS, GS2B,
PTS, PPTS
or STS2
—
—
1000
25000
PLT2I-M69‡
8.0
(203)
.142
(3.6)
2.00
(51)
—
—
1000
25000
STANDARD CROSS SECTION
PLT2S-M69‡
7.4
(188)
.190
(4.8)
.052
(1.3)
.220
(5.6)
.320
(8.1)
—
1.88
(48)
50
(222)
GTS, GS2B,
GTH, GS4H,
PTS, PPTS,
STS2 or STH2
—
—
1000
10000
PLT4S-M69‡
14.5
(368)
.052
(1.3)
.337
(8.6)
4.00
(102)
—
—
1000
5000
HEAVY CROSS SECTION
PLT4H-TL69‡
14.6
(371)
.300
(7.6)
.075
(1.9)
.290
(7.4)
.480
(12.2)
—4.00
(102)
120
(534)
GTH, GS4H,
GS4EH,
PPTEH or
STH2
—
—
250
2500
*Order the number of pieces required in multiples of package quantities.
All part numbers shown in standard package quantities unless denoted by ‡
PLT
PLM1M
PLF1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com