Electronic Components Datasheet Search
  English  ▼

X  

PRT2S-C Datasheet(PDF) 37 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 37 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 33Page - PANDUIT CORP. PRT2S-C Datasheet HTML 34Page - PANDUIT CORP. PRT2S-C Datasheet HTML 35Page - PANDUIT CORP. PRT2S-C Datasheet HTML 36Page - PANDUIT CORP. PRT2S-C Datasheet HTML 37Page - PANDUIT CORP. PRT2S-C Datasheet HTML 38Page - PANDUIT CORP. PRT2S-C Datasheet HTML 39Page - PANDUIT CORP. PRT2S-C Datasheet HTML 40Page - PANDUIT CORP. PRT2S-C Datasheet HTML 41Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 192 page
background image
37
Most commonly used parts appear in BOLD.
E
D
C
B
A
*Order the number of pieces required in multiples of package quantities.
For colors and other materials, see page 39.
All part numbers shown in standard package quantities unless denoted by ‡.
.
Part Number
Length
A
in. (mm)
Width
B
in. (mm)
Thickness
C
in. (mm)
Head
Height
D
in. (mm)
Head
Width
E
in. (mm)
Max.
Bundle
Dia.
in. (mm)
Min. Loop
Tensile
Strength
Lbs. (N)
Recommended
PANDUIT ®
Installation
Tool Part No.
Packaging*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
MINIATURE CROSS SECTION
ILT1M-M‡
4.8
(122)
.098
(2.5)
.044
(1.1)
.110
(2.8)
.190
(4.8)
1.10
(28)
18
(80)
GTS, GS2B,
PTS or PPTS
—
—
1000
50,000
INTERMEDIATE CROSS SECTION
ILT1.5I-M‡
5.4
(137)
.142
(3.6)
.052
(1.3)
.130
(3.3)
.260
(6.6)
1.38
(35)
30
(133)
GTS, GS2B,
PTS or PPTS
—
—
1000
25,000
STANDARD CROSS SECTION
ILT2S-M‡
8.3
(211)
.190
(4.8)
.052
(1.3)
.140
(3.6)
.316
(8.0)
1.88
(48)
50
(222)
GTS, GS2B,
GTH, GS4H,
PTS or PPTS
—
—
1000
10,000
ILT3S-M‡
11.5
(292)
3.00
(76)
—
—
1000
5000
ILT4S-M‡
14.7
(373)
4.00
(102)
—
—
1000
5000
LIGHT-HEAVY CROSS SECTION
ILT4LH-TL‡
14.8
(376)
.300
(7.6)
.075
(1.9)
.250
(6.4)
.475
(12.1)
4.00
(102)
120
(534)
GTH, GS4H
or PPTEH
—
—
250
2500
ILT6LH-C‡
21.2
(538)
6.00
(152)
—
—
100
500
BELT-TY ™ In-Line Cable Ties
• Head designed for no protrusion of cut-off tie
• Low profile head (35% lower than conventional
90° entry cable ties)
• Fully rounded edges on head and strap
• Rounded tip and aggressive grip
• Finger grip shaped head
• Curved tip
• Protects adjacent cables and protects
workers arms and hands
• Avoids snags and reduces overall bundle size
• No sharp edges in contact with cable insulation
• Easy to grip for assembly
• Positive grip when threading tie
• Material: Nylon 6.6
• Parallel-entry cable ties that thread like a belt (at 180°) with the same
performance of conventional (90° entry) cable ties
• The BELT-TY ™ In-Line Cable Tie design reduces the long cut-off
danger of an incorrectly applied conventional cable tie
BELT-TY ™ In-Line Cable Ties Nylon 6.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com