Electronic Components Datasheet Search
  English  ▼

X  

PRT2S-C Datasheet(PDF) 33 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 33 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 29Page - PANDUIT CORP. PRT2S-C Datasheet HTML 30Page - PANDUIT CORP. PRT2S-C Datasheet HTML 31Page - PANDUIT CORP. PRT2S-C Datasheet HTML 32Page - PANDUIT CORP. PRT2S-C Datasheet HTML 33Page - PANDUIT CORP. PRT2S-C Datasheet HTML 34Page - PANDUIT CORP. PRT2S-C Datasheet HTML 35Page - PANDUIT CORP. PRT2S-C Datasheet HTML 36Page - PANDUIT CORP. PRT2S-C Datasheet HTML 37Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 192 page
background image
33
Most commonly used parts appear in BOLD.
DOME-TOP ® Barb Ty
Nylon 6.6 Marker
Ties (con’t)
Part Number
Length
A
in. (mm)
Width
B
in.
(mm)
Thickness
C
in. (mm)
Head
Height
D
in. (mm)
Head
Width
E
in. (mm)
Marker
Write-On
Area
in. (mm)
Max.
Bundle
Dia.
in. (mm)
Min. Loop
Tensile
Strength
Lbs. (N)
Recommended
PANDUIT ®
Installation Tool
Part No.
Packaging*
Std.
Pkg.
Qty.*
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
STANDARD CROSS SECTION
B2M2S-D‡
8.0
(203)
.185
(4.7)
.045
(1.2)
.220
(5.6)
.320
(8.1)
11.5 x .91
(29.2) x (23.1)
2.00
(51)
50
(222)
GTS, GS2B,
GTH, GS4H, PTS,
PPTS, STS2
or STH2
50
500
500
2500
B3M2S-TL‡
1.81 x .91
(46.0) x (23.1)
50
500
250
2500
B4M2S-TL‡
2.47 x .91
(62.7) x (23.1)
50
500
250
2500
DOME-TOP ® Barb Ty Marker Ties/DURA-TY ™ Cable Ties
*Order the number of pieces required in multiples of package quantities.
For colors and other materials, see pages 34-35.
All part numbers shown in standard package quantities unless denoted by ‡
DURA-TY ™ Weather
Resistant Cable Ties
Part
Number
Description
Length
(A)
in. (mm)
Strap
Width
(B)
in. (mm)
Thickness
(C)
in. (mm)
Head
Height
in.
(mm)
Head
Width
in.
(mm)
Max
Bundle
Dia.
in. (mm)
Min. Loop
Tensile
Strength
N (Lbs.)
Recommended
PANDUIT ®
Installation Tool
Part No.
Packaging*
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Bulk
Pkg.
Qty.
Bulk
Ctn.
Qty.
EXTRA-HEAVY CROSS SECTION
DT4EH-L0
Cable
Tie
13.5
(343)
.500
(12.7)
.059
(1.5)
.490
(12.4)
.718
(18.2)
3.87
(98)
250
(1112)
GTH, GS4H,
ST2EH
or GS4EH
50
1000
—
—
DT8EH-Q0
27.0
(686)
8.00
(203)
25
500
—
—
DTREH-LR0
50' Reel of
Strapping
600.0
(15,240)
——
As
Needed
120
—
—
DTHEH-Q0
Bag of 25 Cable
Tie Heads
——
—
.490
(12.4)
.718
(18.2)
——
25
500
—
—
DTKEH-0
DURA-TY ™ Kit 50 ft.
Reel of Strapping
600.0
(15,240)
.500
(12.7)
.059
(1.5)
As
Needed
250
(1112)
120
—
—
A
B
D
E
C
• Ideal for all outdoor messenger strand applications including
telephone, cable TV, traffic signals and outside plant
power services
• Weather Resistant Acetal strap body and head
• Double stainless steel Type 302 locking barbs
• High tensile strength and high impact resistance
• Excellent chemical and moisture resistance
• 250 lbs. Minimum loop tensile strength
• Meets Telcordia TR-TSY-000789
• May be used with Stackable Cable Spacers SACS50-T100
(see page 107)
B2M2S
B3M2S
B4M2S
A
B
E
E
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com