Electronic Components Datasheet Search
  English  ▼

X  

PRT2S-C Datasheet(PDF) 71 Page - PANDUIT CORP.

Part # PRT2S-C
Description  Cable Ties/Wiring Accessories Catalog—WW-CTCB03
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PRT2S-C Datasheet(HTML) 71 Page - PANDUIT CORP.

Back Button PRT2S-C Datasheet HTML 67Page - PANDUIT CORP. PRT2S-C Datasheet HTML 68Page - PANDUIT CORP. PRT2S-C Datasheet HTML 69Page - PANDUIT CORP. PRT2S-C Datasheet HTML 70Page - PANDUIT CORP. PRT2S-C Datasheet HTML 71Page - PANDUIT CORP. PRT2S-C Datasheet HTML 72Page - PANDUIT CORP. PRT2S-C Datasheet HTML 73Page - PANDUIT CORP. PRT2S-C Datasheet HTML 74Page - PANDUIT CORP. PRT2S-C Datasheet HTML 75Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 192 page
background image
71
Most commonly used parts appear in BOLD.
Table C — (cont.)
Agent
Percent
Concen-
tration
*
Nylon
6.6
Nylon
12
Polypro-
pylene
TEFZEL***
HALAR**
304
Stainless
Steel
316
Stainless
Steel
Calcium Hydroxide
50
—
—
E
E
E
E
E
Calcium Hypochlorite
2
U
—
E
E
E
E1
E1
Calcium Nitrate
50
—
E
E
E
E
—
—
Calcium Sulfate
2
B
—
E
E
E
E
E
Carbon Tetrachloride
100
E
E
U
E
E
E
E
Carbon Tetrachloride
Aq. 10
—
—
—
—
E
B1
E1
Chlorine
Dry
—
U
U
E
E
B
B
Chlorine
Wet
—
U
B
E
E
U
U
Chloroacetic Acid
10 to 50
U
—
E
E
E
U
B
Chlorobenzene
100
—
B
E
E
E
—
—
Chloroform
100
EB
BE
EEE
Chlorosulphonic Acid
10 to 100
U
U
U
S
E
U
U
Chromic Acid
10 to 50
U
U
EE
EBB
Citric Acid
10 to 50
S
S
E
—
E
E
E
Copper Chloride
1 to 10
U
—
E
E
E
E1 to U
E1 to B1
Copper Cyanide
Aq. C.S.
—
—
E
E
E
E
E
Copper Nitrate
50
—
—
E
E
E
E
E
Cresol
100
U
U
—
E
E
E
E
Crotonaldehyde
100
—
—
E
E
E
—
—
Cyclohexane
100
—
E
B
E
E
E
—
Cyclohexanol
100
—
E
E
E
E
E
—
Cyclohexanone
100
—
E
B
E
E
E
—
Dibutyl Phthalate
100
—
—
E
E
E
—
—
Dichloroethane
100
—
—
E
—
E
E
E
Dichloroethylene
100
—
—
B
E
E
—
—
Diesel Fuel
100
—
E
B
E
E
E
E
Diethyl Ether
100
—
E
E
E
E
E
E
Diglycolic Acid
Aq.C.S.
—
—
E
E
E
—
—
Disobutyl Ketone
100
—
—
E
E
E
—
—
Dimethyl Amine
100
—
—
E
E
E
—
—
Dimethyl Formamide
100
—
E
E
E
E
E
—
Dimethyl Sulfate
100
—
—
B
E
E
—
—
Dioctyl Phthalate
100
—
—
E
E
E
E
—
1, 4-Dioxane
100
—
S
B
E
E
E
—
Ethyl Acetate
100
E
E
S
E
E
E
E
Ethyl Alcohol
100
EE
EE
EEE
Ethyl Chroride
100
—
—
B
E
E
E
E
Ethylene Chloride
100
E
B
B
E
E
E
E
Ethylene Glycol
100
E
E
E
E
E
E
E
Ethylene Oxide
100
—
—
B
E
E
—
—
Fatty Acids
100
—
—
E
E
E
—
—
Ferric Chloride
50
U
—
E
E
E
U
U
Ferric Hydroxide
All
—
—
E
E
E
E
E
Ferric Nitrate
All
—
—
EE
EEE
Ferrous Chloride
Aq. C.S.
U
—
E
E
E
U
B
Ferrous Sulfate
10
—
—
E
E
E
E1
E
Fluorine (Dry)
100
—
—
U
E
—
U
U
Formaldehyde
40
E
SE
EE
E1
E
Formic Acid
AllU
UE
E
E
E
E
Freons
100
E
—
—
E
E
—
—
Fuel Oil
100
—
E
—
E
E
E
E
Furfural
100
E
—
—
E
E
E
E
Gallic Acid
Aq. C.S.
—
—
—
E
E
E
E
Gasoline
100
E
—
BE
EEE
Glycerin
100
—
E
E
—
E
E
E
Chemical Resistance
Resistance of PANDUIT ® Cable Tie Materials to Chemical Attack at 70°F
*Includes all 6.6 Nylons (such as Weather Resistant, Heat Stabilized and Flame Retardant).
**HALAR is a registered trademark of Solvay Solexis, Inc.
***TEFZEL is a registered trademark of E. I. DuPont de Nemours Co.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com